Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP3-4R7-R Datasheet(PDF) 11 Page - Vicor Corporation

Part # FP3-4R7-R
Description  DC-DC Converter Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FP3-4R7-R Datasheet(HTML) 11 Page - Vicor Corporation

Back Button FP3-4R7-R Datasheet HTML 6Page - Vicor Corporation FP3-4R7-R Datasheet HTML 7Page - Vicor Corporation FP3-4R7-R Datasheet HTML 8Page - Vicor Corporation FP3-4R7-R Datasheet HTML 9Page - Vicor Corporation FP3-4R7-R Datasheet HTML 10Page - Vicor Corporation FP3-4R7-R Datasheet HTML 11Page - Vicor Corporation FP3-4R7-R Datasheet HTML 12Page - Vicor Corporation FP3-4R7-R Datasheet HTML 13Page - Vicor Corporation FP3-4R7-R Datasheet HTML 14Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
UG:301
vicorpower.com
Applications Engineering: 800 927.9474
Page 11
+
DC
AMMETER 0-5A
PS1
0-100V DC
5A
+
-
+
-
DMM
DC
ELECT.
LOAD
0-30A
MIN
DMM
OSCILLOSCOPE DC-20MHZ BW
+ IN
- IN
CH1
CH2
-
ISOLATED DIFF.
AMPLIFIER
+
-
Figure 6.
PI31xx-xx-EVAL1 Test Setup
Item
Qty
Part #
U/M
Description
1.
1
PI31xx-xx-EVAL1
EA
Evaluation PCB Assembly
2.
1
32786
EA
6.3mm Heatsink Assembly
3.
1
32784
EA
11mm Heatsink Assembly
4.
1
33855
EA
Heatsink Grounding Clip
5.
4
32434
EA
Heatsink Pushpins
6.
4
N/A
EA
Screw, 6-32
7.
4
N/A
EA
Nut, 6-32
Table 12.
PI31xx-xx-EVAL1
Packing List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com