Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP3-R47-R Datasheet(PDF) 1 Page - Vicor Corporation

Part # FP3-R47-R
Description  DC-DC Converter Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FP3-R47-R Datasheet(HTML) 1 Page - Vicor Corporation

  FP3-R47-R Datasheet HTML 1Page - Vicor Corporation FP3-R47-R Datasheet HTML 2Page - Vicor Corporation FP3-R47-R Datasheet HTML 3Page - Vicor Corporation FP3-R47-R Datasheet HTML 4Page - Vicor Corporation FP3-R47-R Datasheet HTML 5Page - Vicor Corporation FP3-R47-R Datasheet HTML 6Page - Vicor Corporation FP3-R47-R Datasheet HTML 7Page - Vicor Corporation FP3-R47-R Datasheet HTML 8Page - Vicor Corporation FP3-R47-R Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
UG:301
vicorpower.com
Applications Engineering: 800 927.9474
Page 1
PI31xx-xx-EVAL1 Cool-Power® ZVS Isolated
DC-DC Converter Evaluation Board
Chris Swartz
Principal Applications Engineer
May 2013
Introduction
The PI31xx-xx-EVAL1 evaluation board allows the user to test the basic operating
principles of the PI31xx series of high density DC-DC power converters and experience
the performance and value of this solution compared to alternate conventional
solutions. Each evaluation board is populated with the components that could be used
in a final design. It is not designed or intended to be used in end product applications.
Please read this document prior to the connection of test equipment and refer to the
product datasheet for device specifications, descriptions and characteristics. Remember
to follow good lab safety practices and use safety glasses at all times.
The PI31xx-xx-EVAL1 is configured to support one single input and one single output.
Each board offers pin strap options for trimming the output voltage up and down,
turning the converter on and off and adding EMI system “Y” capacitors. Additional
parts are included to compensate for line impedance associated with long leads from
the bench power supply to the converter. Additional component footprints are made
available to allow the user to test different design configurations that may be required
to meet their end needs. Kelvin type test points are included to allow for easy and
convenient connections of testing instruments for evaluation of efficiency, line/load
regulation and transient response. A low impedance oscilloscope connection using a
Johnson jack is included for ripple measurement and evaluation of the output voltage
during transient events. Each demo board is equipped with a heatsink to allow high
power operation with a small amount of air flow and to allow operation of the board
over various temperature extremes.
Contents
Page
Introduction
1
Product Description
2
Board Connections
2
Thermal Considerations
3
Max I/O Ratings
5
Schematic
BOMs
6
Test Setup
11
PCB Artwork
12
Mechanical Outline
14
Ordering Information
14
USER GUIDE | UG:301
Figure 1.
PI31xx-xx-EVAL1
Evaluation Board


Similar Part No. - FP3-R47-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FP3-R47-R COOPER-FP3-R47-R Datasheet
139Kb / 3P
Low Profile Inductors
logo
Eaton All Rights Reserv...
FP3-R47-R EATON-FP3-R47-R Datasheet
367Kb / 4P
High current, low profile inductors
More results

Similar Description - FP3-R47-R

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6001DN-00A MPS-EV6001DN-00A Datasheet
222Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
logo
Murata Manufacturing Co...
LSM-EB MURATA-LSM-EB Datasheet
217Kb / 5P
10 Amp DC/DC Power Converter Evaluation Boards
logo
STMicroelectronics
STEVAL-ISA059V1 STMICROELECTRONICS-STEVAL-ISA059V1 Datasheet
125Kb / 4P
DC-DC converter demonstration board
March 2009 Rev 1
logo
Monolithic Power System...
EV2155-Q-00A MPS-EV2155-Q-00A Datasheet
599Kb / 8P
High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV6001DN-01A MPS-EV6001DN-01A Datasheet
215Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6002DN-00A MPS-EV6002DN-00A Datasheet
149Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6003-N-00A MPS-EV6003-N-00A Datasheet
691Kb / 9P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV28163-Q-00A MPS-EV28163-Q-00A Datasheet
597Kb / 8P
High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28164-D-00A MPS-EV28164-D-00A Datasheet
1Mb / 9P
High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
logo
STMicroelectronics
STEVALISC004V1 STMICROELECTRONICS-STEVALISC004V1 Datasheet
304Kb / 4P
STUSB4710A evaluation board (with on-board DC-DC)
15-Sep-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com