Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP3-R47-R Datasheet(PDF) 5 Page - Vicor Corporation

Part # FP3-R47-R
Description  DC-DC Converter Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FP3-R47-R Datasheet(HTML) 5 Page - Vicor Corporation

  FP3-R47-R Datasheet HTML 1Page - Vicor Corporation FP3-R47-R Datasheet HTML 2Page - Vicor Corporation FP3-R47-R Datasheet HTML 3Page - Vicor Corporation FP3-R47-R Datasheet HTML 4Page - Vicor Corporation FP3-R47-R Datasheet HTML 5Page - Vicor Corporation FP3-R47-R Datasheet HTML 6Page - Vicor Corporation FP3-R47-R Datasheet HTML 7Page - Vicor Corporation FP3-R47-R Datasheet HTML 8Page - Vicor Corporation FP3-R47-R Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
UG:301
vicorpower.com
Applications Engineering: 800 927.9474
Page 5
Name
Max Voltage
Max Current
IN+
100 V
20 A
IN-
100 V
20 A
OUT+
20 V
20 A
OUT-
20 V
20 A
TRIM_DN
10 V
100 mA
OPT1
10 V
100 mA
OPT2
10 V
100 mA
OUT
10 V
100 mA
INP
10 V
100 mA
INN
10 V
100 mA
ENABLE
10 V
100 mA
TRIM/SS
10 V
100 mA
SGND
10 V
100 mA
TM
10 V
100 mA
OUTP
20 V
100 mA
OUTN
20 V
100 mA
Table 3.
PI31xx-xx-EVAL1
Evaluation Board
Maximum I/O Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com