Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP3-R47-R Datasheet(PDF) 3 Page - Vicor Corporation

Part # FP3-R47-R
Description  DC-DC Converter Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FP3-R47-R Datasheet(HTML) 3 Page - Vicor Corporation

  FP3-R47-R Datasheet HTML 1Page - Vicor Corporation FP3-R47-R Datasheet HTML 2Page - Vicor Corporation FP3-R47-R Datasheet HTML 3Page - Vicor Corporation FP3-R47-R Datasheet HTML 4Page - Vicor Corporation FP3-R47-R Datasheet HTML 5Page - Vicor Corporation FP3-R47-R Datasheet HTML 6Page - Vicor Corporation FP3-R47-R Datasheet HTML 7Page - Vicor Corporation FP3-R47-R Datasheet HTML 8Page - Vicor Corporation FP3-R47-R Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
UG:301
vicorpower.com
Applications Engineering: 800 927.9474
Page 3
2. Default Pin Strap Configuration
a. Ensure the pin straps are in the following default locations before proceeding:
n
ENABLE = Not Used (enabled)
n
TRIM_UP = Not Used
n
TRIM_DN = Not Used
n
OPT1 = Not Used
n
OPT2 = Not Used
3. Pin Strap Functions
a. ENABLE – adding a strap on this pin will cause the converter to shut down.
b. TRIM_UP – Adding a strap in this location will adjust the output voltage
up by 10%.
c. TRIM_DN – Adding a strap in this location will adjust the output voltage down
by 10%. Only one strap can be connected at a time. If both trim straps are out,
the output voltage should be set to the model’s nominal output.
4. Trimming And Soft Start
a. For those customers who wish to trim to another voltage by changing the preset
trim resistors to another value, the trim equation shown in Figure 2 can be used:
R
low =
(–V ) •
R
INT
(–Vout
nom
) + V
desired
desired
R
high = (–RSS) •
(–Voutnom) • VERO + V •Vref
V
ref
[(–Vout
nom) + V
]
desired
desired
Where: R1 = Rlow R3 = Rhigh VERO = 4.9 and Vref can be found in the appropriate
model datasheet.
Figure 3 shows an equation for soft start configuration where C7 = CREF
C
REF =
T
ssdesired – 230 • 10
−6
23000
ENABLE
TRIM/SS
SGND
RSS
Rhigh
Rlow
VERO
Vref
PI31xx
10k
•
•
•
Figure 4.
PI31xx Trimming Equivalent
Circuit
Figure 2.
PI31xx Trim Equation
Figure 3.
PI31xx Soft Start Equation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com