Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPV1006-150-R Datasheet(PDF) 1 Page - Vicor Corporation

Part # FPV1006-150-R
Description  8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPV1006-150-R Datasheet(HTML) 1 Page - Vicor Corporation

  FPV1006-150-R Datasheet HTML 1Page - Vicor Corporation FPV1006-150-R Datasheet HTML 2Page - Vicor Corporation FPV1006-150-R Datasheet HTML 3Page - Vicor Corporation FPV1006-150-R Datasheet HTML 4Page - Vicor Corporation FPV1006-150-R Datasheet HTML 5Page - Vicor Corporation FPV1006-150-R Datasheet HTML 6Page - Vicor Corporation FPV1006-150-R Datasheet HTML 7Page - Vicor Corporation FPV1006-150-R Datasheet HTML 8Page - Vicor Corporation FPV1006-150-R Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 1 of 30
12/2015
800 927.9474
8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
Cool-Power®
PI34xx-00
Product Description
The PI34xx-00 is a family of high efficiency DC-DC ZVS-Buck
regulators integrating the controller, power switches and
support components within a high density
System-in-Package (SiP).
The PI34xx-00 is designed to achieve optimum efficiency at
low input voltage ranges (8 V to 18 V). The utilization of zero
current soft turn-on provided by the high performance ZVS
topology within the PI34xx-00 series increases point of load
performance, providing best in class power efficiency with
high throughput power.
The PI34xx-00 requires only an external inductor and
minimal capacitors to form a complete DC-DC switching
mode buck regulator.
The ZVS architecture enables high frequency operation while
minimizing switching losses and maximizing efficiency. The
high switching frequency operation reduces the size of the
external filtering components, improves power density, and
enables very fast dynamic response to line and load
transients.
The ZVS architecture enables operation up to 750 kHz while
minimizing switching losses and the use of variable frequency
extends high efficiency over a very wide dynamic range. The
PI34xx-00 series has a minimum on time of 20ns which
enables large step down conversion ratios.
Features & Benefits
High Efficiency ZVS-Buck Topology
Input voltage range of 8 V to 18 V
Very-Fast transient response
Power-up into pre-biased load
High accuracy pre-trimmed output voltage
User adjustable soft-start & tracking
Parallel capable with single wire current sharing
Input Over/Undervoltage Lockout (OVLO/UVLO)
Output Overvoltage Protection (OVP)
Overtemperature Protection (OTP)
Fast and slow current limits
-40°C to 125°C operating range (TJ)
Applications
High efficiency systems
Computing, Communications, Industrial,
Automotive Equipment
Package Information
10 mm x 14 mm x 2.6 mm LGA SiP
Device
Output Voltage
IOUT Max
Set
Range
PI3420-00-LGIZ
1.0 V
1.0 V to 1.4 V
15 A
PI3421-00-LGIZ
1.8 V
1.4 V to 2.0 V
15 A
PI3422-00-LGIZ
2.5 V
2.0 V to 3.1 V
15 A
PI3423-00-LGIZ
3.3 V
2.3 V to 4.1 V
15 A
PI3424-00-LGIZ
5.0 V
3.3 V to 6.5 V
15 A


Similar Part No. - FPV1006-150-R

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
FPV1006-150-R VICOR-FPV1006-150-R Datasheet
2Mb / 41P
8V to 36VIN Cool-Power ZVS Buck Regulator Family
logo
Eaton All Rights Reserv...
FPV1006-150-R EATON-FPV1006-150-R Datasheet
259Kb / 4P
High current power inductors
More results

Similar Description - FPV1006-150-R

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3303-00-LGIZ VICOR-PI3303-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-00-LGIZ VICOR-PI3305-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-20-LGIZ VICOR-PI3305-20-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3318-00-LGIZ VICOR-PI3318-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3420-00-LGIZ VICOR-PI3420-00-LGIZ Datasheet
1Mb / 30P
8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
PI3421-00-LGIZ VICOR-PI3421-00-LGIZ Datasheet
1Mb / 30P
8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
PI3422-00-LGIZ VICOR-PI3422-00-LGIZ Datasheet
1Mb / 30P
8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
PI3423-00-LGIZ VICOR-PI3423-00-LGIZ Datasheet
1Mb / 30P
8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
PI3424-00-LGIZ VICOR-PI3424-00-LGIZ Datasheet
1Mb / 30P
8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com