Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPV1006-150-R Datasheet(PDF) 25 Page - Vicor Corporation

Part # FPV1006-150-R
Description  8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPV1006-150-R Datasheet(HTML) 25 Page - Vicor Corporation

Back Button FPV1006-150-R Datasheet HTML 21Page - Vicor Corporation FPV1006-150-R Datasheet HTML 22Page - Vicor Corporation FPV1006-150-R Datasheet HTML 23Page - Vicor Corporation FPV1006-150-R Datasheet HTML 24Page - Vicor Corporation FPV1006-150-R Datasheet HTML 25Page - Vicor Corporation FPV1006-150-R Datasheet HTML 26Page - Vicor Corporation FPV1006-150-R Datasheet HTML 27Page - Vicor Corporation FPV1006-150-R Datasheet HTML 28Page - Vicor Corporation FPV1006-150-R Datasheet HTML 29Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 25 of 30
12/2015
800 927.9474
PI34xx-00
Table 4 — PI34xx-00 Inductor pairing
Device
VIN
(V)
ILOAD
(A)
CINPUT
Bulk
Elec.
CINPUT
Ceramic
X5R
COUTPUT
Ceramic
X5R
CINPUT
Ripple
Current
(IRMS)
COUTPUT
Ripple
Current
(IRMS)
Input
Ripple
(mVpp)
Output
Ripple
(mVpp)
Output
Ripple
(mVpk)
Recovery
Time
(µs)
Load
Step
(A)
(Slew/µs)
PI3420
12
15
100 µF
50 V
6 x 22 µF
8 X 100 µF
2 X 1 µF
1 X 0.1 µF
0.85
1.24
98
36
-/+41
42
7.5
(5 A/µs)
7.5
43
27
PI3421
12
15
100 µF
50 V
6 x 22 µF
8 X 100 µF
2 X 1 µF
1 X 0.1 µF
1.0
1.18
139
32
-/+50
50
7.5
(5 A/µs)
7.5
45
20.4
PI3422
12
15
100 µF
50 V
6 x 22 µF
8 X 100 µF
2 X 1 µF
1 X 0.1 µF
1.12
1.16
145
28
-/+46
60
7.5
(5 A/µs)
7.5
74
14
PI3423
12
15
100 µF
50 V
6 x 22 µF
8 X 100 µF
2 X 1 µF
1 X 0.1 µF
1.20
1.15
179
26
-/+73
70
7.5
(5 A/µs)
7.5
97
17
PI3424
12
15
100 µF
50 V
6 x 22 µF
8 X 47 µF
2 X 1 µF
1 X 0.1 µF
1.29
1.13
209
34
-/+98
60
7.5
(5 A/µs)
7.5
98
24.8
Table 5 — Recommended input and output capacitance
All tracking regulators should have their Enable (EN) pins
connected together to work properly.
Inductor Pairing
The PI34xx-00 utilizes an external inductor from the Eaton
Inductor line at Cooper Industries. This inductor has been
optimized for maximum efficiency performance. Table 4
details the specific inductor value and part number utilized
for each PI34xx-00 device. Datasheets are available at
www.cooperindustries.com.
Thermal Derating
Thermal de-rating curves are provided that are based on
component temperature changes versus load current, input
voltage and air flow. It is recommended to use these curves
as a guideline for proper thermal de-rating. These curves
represent the entire system and are inclusive to both the
Picor regulator and the external inductor. Maximum thermal
operation is limited by either the MOSFETs or inductor
depending upon line and load conditions.
Thermal measurements were made using a standard PI34xx-
00 Evaluation board which is 3 x 4 inches in area and uses 4-
layer, 2oz copper. Thermal measurements were made on the
three main power devices, the two internal MOSFETs and the
external inductor.
Filter Considerations
The PI34xx-00 requires input bulk storage capacitance as
well as low impedance ceramic X5R input capacitors to
ensure proper start up and high frequency decoupling for the
power stage. The PI34xx-00 will draw nearly all of the high
frequency current from the low impedance ceramic
capacitors when the main high side MOSFET is conducting.
During the time the high side MOSFET is off, they are
replenished from the bulk capacitor. If the input impedance
is high at the switching frequency of the regulator, the bulk
capacitor must supply all of the average current into the
regulator, including replenishing the ceramic capacitors. This
value has been chosen to be 100μF so that the PI34xx-00 can
start up into a full resistive load and supply the output
capacitive load with the default minimum soft start capacitor
when the input source impedance is 50 Ohms at 1MHz. The
ESR for this capacitor should be approximately 20mΩ. The
RMS ripple current in this capacitor is small, so it should not
be a concern if the input recommended ceramic capacitors
are used. Table 5 shows the recommended input and output
capacitors to be used for the various models as well as
expected transient response, RMS ripple currents per
capacitor, and input and output ripple voltages. Table 6
includes the recommended input and output
ceramic capacitors.
OUT
Master V
R1
R2
TRK
SGND
PI34xx
Slave
Figure 40 — Voltage divider connections for direct tracking
Device
Inductor
[nH}
Inductor
Part Number
Manufacturer
PI3420-00
85
FPV1006-85-R
Eaton
PI3421-00
125
FPV1006-125-R
Eaton
PI3422-00
125
FPV1006-125-R
Eaton
PI3423-00
150
FPV1006-150-R
Eaton
PI3424-00
150
FPV1006-150-R
Eaton



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com