Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPV1006-150-R Datasheet(PDF) 3 Page - Vicor Corporation

Part # FPV1006-150-R
Description  8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPV1006-150-R Datasheet(HTML) 3 Page - Vicor Corporation

  FPV1006-150-R Datasheet HTML 1Page - Vicor Corporation FPV1006-150-R Datasheet HTML 2Page - Vicor Corporation FPV1006-150-R Datasheet HTML 3Page - Vicor Corporation FPV1006-150-R Datasheet HTML 4Page - Vicor Corporation FPV1006-150-R Datasheet HTML 5Page - Vicor Corporation FPV1006-150-R Datasheet HTML 6Page - Vicor Corporation FPV1006-150-R Datasheet HTML 7Page - Vicor Corporation FPV1006-150-R Datasheet HTML 8Page - Vicor Corporation FPV1006-150-R Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 3 of 30
12/2015
800 927.9474
PI34xx-00
Order Information
Thermal, Storage, and Handling Information
Name
Rating
Storage Temperature
-65°C to 150°C
Operating Junction Temperature
-40°C to 125°C
Soldering Temperature for 20 seconds
245°C
MSL Rating
2 kV HBM
Cool-Power
Output Range
IOUT Max
Package
Transport
Media
Set
Range
PI3420-00-LGIZ
1.0 V
1.0 to 1.4 V
15 A
10 mm x 14 mm 123-pin LGA
TRAY
PI3421-00-LGIZ
1.8 V
1.4 to 2.0 V
15 A
10 mm x 14 mm 123-pin LGA
TRAY
PI3422-00-LGIZ
2.5 V
2.0 to 3.1 V
15 A
10 mm x 14 mm 123-pin LGA
TRAY
PI3423-00-LGIZ
3.3 V
2.3 to 4.1 V
15 A
10 mm x 14 mm 123-pin LGA
TRAY
PI3424-00-LGIZ
5.0 V
3.3 to 6.5 V
15 A
10 mm x 14 mm 123-pin LGA
TRAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com