Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1030D Datasheet(PDF) 1 Page - Supertex, Inc

Part # LP1030D
Description  300V, Dual P-Channel Enhancement-Mode Lateral MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LP1030D Datasheet(HTML) 1 Page - Supertex, Inc

  LP1030D Datasheet HTML 1Page - Supertex, Inc LP1030D Datasheet HTML 2Page - Supertex, Inc LP1030D Datasheet HTML 3Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
LP1030D
Doc.# DSFP-LP1030D
A031414
Features
► 300V breakdown voltage
► Integrated gate-to-source resistor
► Integrated gate-to-source Zener diode
► Low input capacitance
► Fast switching speeds
► Free from secondary breakdown
Applications
► High voltage level translators
► Current sources
► High side switches
► Discrete Amplifier
300V, Dual P-Channel
Enhancement-Mode Lateral MOSFET
General Description
The LP1030D is a dual high voltage P-channel enhancement-
mode (normally-off) lateral MOSFET. Each MOSFET has
integrated gate-to-source resistor and gate-to-source Zener
diode. This allows the device to be easily driven with a
capacitively coupled gate drive circuit.
The LP1030D utilizes an advanced lateral MOSFET structure
and Supertex’s well-proven silicon-gate manufacturing
process. This combination produces devices with the power
handling capabilities of bipolar transistors and with the high
input impedance and positive temperature coefficient inherent
in MOS devices.
Characteristic of all MOS structures, these devices are free
from thermal runaway and thermally-induced secondary
breakdown.
Absolute Maximum Ratings
Parameter
Value
Drain-to-source voltage
BV
DSS
Drain-to-gate voltage
BV
DGS
Gate-Source voltage
-16V to +1.0V
Operating temperature range
-25°C to 125°C
Absolute Maximum Ratings are those values beyond which damage to
the device can occur. Functional operation under these conditions is not
implied. Continuous operation of the device at the absolute rating level
may affect device reliability. All voltages are referenced to device ground.
Pin Configuration
5-Lead SOT-23
(Top View)
5-Lead SOT-23
Package Marking
Package may or may not include the following marks: Si or
Typical Thermal Resistance
Package
θ
ja
5-Lead SOT-23
253°C/W
Note:
Thermal testboard per JEDEC JESD51-7
Ordering Information
Part Number
Package Option
Packing
LP1030DK1-G
5-Lead SOT-23
2500/Reel
Product Summary
BV
DSS
(V)
R
DS(ON)
(typ Ω)
V
GS(th)
(max V)
I
D(ON)
(min mA)
-300
180
-2.4
-50
G1
G2
S1,2
D1
D2
P0TW W = Code for Week Sealed
= “Green” Packaging
-G denotes a lead (Pb)-free / RoHS compliant package


Similar Part No. - LP1030D

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LP10302R7106 TAIYO-YUDEN-LP10302R7106 Datasheet
243Kb / 2P
Cylinder Type Electric Double-Layer Capacitor[LP series]
LP10302R7106U TAIYO-YUDEN-LP10302R7106U Datasheet
298Kb / 2P
Cylinder Type Electric Double-Layer Capacitor[RSELP]
2022.03.21
More results

Similar Description - LP1030D

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LP0701 SUTEX-LP0701 Datasheet
32Kb / 4P
P-Channel Enhancement-Mode Lateral MOSFET
LP0701LG-G SUTEX-LP0701LG-G Datasheet
597Kb / 6P
P-Channel Enhancement-Mode Lateral MOSFET
LP0701N3-G SUTEX-LP0701N3-G Datasheet
597Kb / 6P
P-Channel Enhancement-Mode Lateral MOSFET
LP0701N3-G SUTEX-LP0701N3-G Datasheet
597Kb / 6P
P-Channel Enhancement-Mode Lateral MOSFET
LP0701 SUTEX-LP0701_13 Datasheet
769Kb / 6P
P-Channel Enhancement-Mode Lateral MOSFET
logo
NXP Semiconductors
A2T07H310-24S NXP-A2T07H310-24S Datasheet
763Kb / 24P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T14H450-23N NXP-A2T14H450-23N Datasheet
602Kb / 17P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 01/2017
A2T18H410-24S NXP-A2T18H410-24S Datasheet
589Kb / 16P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2015
A2T18S260W12N NXP-A2T18S260W12N Datasheet
321Kb / 14P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 2/2016
logo
Microchip Technology
LP0701 MICROCHIP-LP0701 Datasheet
540Kb / 14P
P-Channel Enhancement-Mode Lateral MOSFET
08/15/18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com