Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1030D Datasheet(PDF) 2 Page - Supertex, Inc

Part # LP1030D
Description  300V, Dual P-Channel Enhancement-Mode Lateral MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LP1030D Datasheet(HTML) 2 Page - Supertex, Inc

  LP1030D Datasheet HTML 1Page - Supertex, Inc LP1030D Datasheet HTML 2Page - Supertex, Inc LP1030D Datasheet HTML 3Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
LP1030D
Supertex inc.
www.supertex.com
Doc.# DSFP-LP1030D
A031414
Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
Pulse
Generator
VDD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
f
t
r
INPUT
R
GEN
INPUT
OUTPUT
0V
VDD
0V
-10V
Block Diagram
P-Channel Electrical Characteristics (T
j = 25°C unless otherwise specified)
Sym
Parameter
Min
Typ
Max
Units
Conditions
BV
DSS
Drain-to-source breakdown voltage
-300
-
-
V
V
GS = 0V, ID = -2.0mA
V
GS(th)
Gate threshold voltage
-1.4
-1.7
-2.4
V
V
GS = VDS, ID = -1.0mA
ΔV
GS(th)
Change in V
GS(th) with temperature
-
-
5.0
mV/°C V
GS = VDS, ID = -1.0mA
R
GS
Gate-to-source shunt resistor
15
-
45
kΩ
I
GS = -100µA
V
Z
Gate-to-source Zener voltage
16
-
-
V
I
GS = -1.0mA
I
DSS
Zero gate voltage drain current
-
-
-10
µA
V
GS = 0V, VDS = Max rating
-
-
-1.0
mA
V
DS = 0.8 Max Rating,
V
GS = 0V, TA = 125°C
I
D(ON)
On-state drain current
-50
-
-
mA
V
GS = -7.0V, VDS = -25V
R
DS(ON)
Static drain-to-source on-state resistance
-
180
-
Ω
V
GS = -7.0V, ID = -20mA
C
ISS
Input capacitance
-
10.8
-
pF
V
GS = 0V,
V
DS = -25V,
f = 1.0MHz
C
OSS
Common source output capacitance
-
4.2
-
C
RSS
Reverse transfer capacitance
-
3.1
-
t
d(ON)
Turn-on delay time
-
1.0
-
ns
V
DD = -25V,
I
D = -50mA,
R
GEN = 25Ω
t
r
Rise time
-
11.5
-
t
d(OFF)
Turn-off delay time
-
3.8
-
t
f
Fall time
-
16
-
V
SD
Diode forward voltage drop
-
-
-1.8
V
V
GS = 0V, ISD = -25mA
t
rr
Reverse recovery time
-
300
-
ns
V
GS = 0V, ISD = -25mA
Notes:
1.
All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2.
All A.C. parameters sample tested.
S12
D1
D2
G1
G2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com