Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1030D Datasheet(PDF) 3 Page - Supertex, Inc

Part # LP1030D
Description  300V, Dual P-Channel Enhancement-Mode Lateral MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LP1030D Datasheet(HTML) 3 Page - Supertex, Inc

  LP1030D Datasheet HTML 1Page - Supertex, Inc LP1030D Datasheet HTML 2Page - Supertex, Inc LP1030D Datasheet HTML 3Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives
an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability
to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and
specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com)
©2014 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
3
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
LP1030D
Doc.# DSFP-LP1030D
A031414
5-Lead SOT-23 Package Outline (K1)
2.90x1.60mm body, 1.45mm height (max), 0.95mm pitch
Symbol
A
A1
A2
b
D
E
E1
e
e1
L
L1
L2
θ
θ1
Dimension
(mm)
MIN 0.90* 0.00 0.90 0.30 2.75* 2.60* 1.45*
0.95
BSC
1.90
BSC
0.30
0.60
REF
0.25
BSC
0O
5O
NOM
-
-
1.15
-
2.90 2.80 1.60
0.45
4O
10O
MAX 1.45 0.15 1.30 0.50 3.05* 3.00* 1.75*
0.60
8O
15O
JEDEC Registration MO-178, Variation AA, Issue C, Feb. 2000.
* This dimension is not specified in the JEDEC drawing.
Drawings not to scale.
Supertex Doc. #: DSPD-5SOT23K1, Version A041309.
1
5
D
Seating
Plane
Gauge
Plane
L
L1
L2
Top View
Side View
View A - A
View B
View B
θ1
θ
E1 E
A A2
A1
A
A
Seating
Plane
e
b
Note 1
(Index Area
D/2 x E/2)
e1
Note:
1.
A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be: a molded mark/identifier; an embedded metal marker; or
a printed indicator.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com