Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4351 Datasheet(PDF) 1 Page - NEC

Part # 2SC4351
Description  DARLINGTON POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4351 Datasheet(HTML) 1 Page - NEC

  2SC4351 Datasheet HTML 1Page - NEC 2SC4351 Datasheet HTML 2Page - NEC 2SC4351 Datasheet HTML 3Page - NEC 2SC4351 Datasheet HTML 4Page - NEC 2SC4351 Datasheet HTML 5Page - NEC 2SC4351 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
1998
©
Document No. D15594EJ2V0DS00 (2nd edition)
Date Published April 2002 N CP(K)
Printed in Japan
DARLINGTON POWER TRANSISTOR
2SC4351
NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION)
FOR HIGH-SPEED SWITCHING
DATA SHEET
2002
The 2SC4351 is a high-speed Darlington power transistor. This
transistor is ideal for high-precision control such as PWM control for
pulse motors or blushless motor of OA and FA equipment.
FEATURES
• Mold package that does not require an insulating board or
insulation bushing
• On-chip C to B constant voltage diode for surge voltage
absorption
• On-chip C to E reverse diode
• Fast switching speed
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
60
± 10
V
Collector to emitter voltage
VCEO
60
± 10
V
Emitter to base voltage
VEBO
8.0
V
Collector current (DC)
IC(DC)
±5.0
A
Collector current (pulse)
IC(pulse)*
±10
A
Base current (DC)
IB(DC)
0.5
A
Total power dissipation
PT (Tc = 25
°C)
20
W
Total power dissipation
PT (Ta = 25
°C)
2.0
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
*PW
≤ 10 ms, duty cycle ≤ 50%
PACKAGE DRAWING (UNIT: mm)
Electrode Connection
1. Base
2. Collector
3. Emitter


Similar Part No. - 2SC4351

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4351 RENESAS-2SC4351 Datasheet
263Kb / 8P
DARLINGTON POWER TRANSISTOR
2002
More results

Similar Description - 2SC4351

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N6388 ETC2-2N6388 Datasheet
207Kb / 6P
Darlington Power Transistor
logo
Guangdong Kexin Industr...
FMMT734 KEXIN-FMMT734 Datasheet
37Kb / 2P
Power Darlington Transistor
FMMT614 KEXIN-FMMT614 Datasheet
36Kb / 2P
Power Darlington Transistor
FMMT634 KEXIN-FMMT634 Datasheet
37Kb / 2P
Power Darlington Transistor
logo
Diodes Incorporated
FMMT734TA DIODES-FMMT734TA Datasheet
85Kb / 3P
POWER DARLINGTON TRANSISTOR
AUGUST 1997
logo
Renesas Technology Corp
2SA1840 RENESAS-2SA1840 Datasheet
275Kb / 8P
DARLINGTON POWER TRANSISTOR
2002
2SA1841 RENESAS-2SA1841 Datasheet
362Kb / 8P
DARLINGTON POWER TRANSISTOR
2002
2SC4810 RENESAS-2SC4810 Datasheet
272Kb / 8P
DARLINGTON POWER TRANSISTOR
2002
2SD1592 RENESAS-2SD1592 Datasheet
240Kb / 6P
DARLINGTON POWER TRANSISTOR
2002
2SD1843 RENESAS-2SD1843 Datasheet
202Kb / 6P
DARLINGTON POWER TRANSISTOR
2002
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com