Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP101APZP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TFP101APZP
Description  T1 PANELBUS DIGITAL RECEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP101APZP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TFP101APZP Datasheet HTML 4Page - Texas Instruments TFP101APZP Datasheet HTML 5Page - Texas Instruments TFP101APZP Datasheet HTML 6Page - Texas Instruments TFP101APZP Datasheet HTML 7Page - Texas Instruments TFP101APZP Datasheet HTML 8Page - Texas Instruments TFP101APZP Datasheet HTML 9Page - Texas Instruments TFP101APZP Datasheet HTML 10Page - Texas Instruments TFP101APZP Datasheet HTML 11Page - Texas Instruments TFP101APZP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TFP101, TFP101A
TI PanelBus DIGITAL RECEIVER
SLDS119C - MARCH 2000 − REVISED OCTOBER 2003
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
80%
80%
20%
20%
tr1
tf1
QE(0-23), QO(0-23), DE
CTK(1-3), HSYNC, VSYNC
Figure 1. Rise and Fall TIme of Data and Control Signals
80%
20%
80%
20%
tr2
tf2
ODCK
Figure 2. Rise and Fall Time of ODCK
fODCK
ODCK
Figure 3. ODCK Frequency
t(su1)
t(h1)
t(su2)
t(h2)
VOH
VOL
VOH
VOL
VOH
VOL
VOH
VOL
VOH
VOL
VOH
VOL
ODCK
QE(0-23), QO(0-23), DE
CTL(1-3), HSYNC, VSYNC
OCK_INV
Figure 4. Data Setup and Hold Time to Rising and Falling Edge of ODCK
50%
50%
VOH
td(st)
tps
Tx+
Tx-
ODCK
QE(O-23)
Figure 5. ODCK High to QE[23:0]
Staggered Data Output
Figure 6. Analog Input Intra-Pair
Differential Skew



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com