Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP101APZP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TFP101APZP
Description  T1 PANELBUS DIGITAL RECEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP101APZP Datasheet(HTML) 15 Page - Texas Instruments

Back Button TFP101APZP Datasheet HTML 10Page - Texas Instruments TFP101APZP Datasheet HTML 11Page - Texas Instruments TFP101APZP Datasheet HTML 12Page - Texas Instruments TFP101APZP Datasheet HTML 13Page - Texas Instruments TFP101APZP Datasheet HTML 14Page - Texas Instruments TFP101APZP Datasheet HTML 15Page - Texas Instruments TFP101APZP Datasheet HTML 16Page - Texas Instruments TFP101APZP Datasheet HTML 17Page - Texas Instruments TFP101APZP Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
TFP101, TFP101A
TI PanelBus DIGITAL RECEIVER
SLDS119C - MARCH 2000 − REVISED OCTOBER 2003
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TI PowerPAD
 100-TQFP package
The TFP101/101A is packaged in TI’s thermally enhanced PowerPAD
 100TQFP packaging. The PowerPAD
package is a 14 mm
× 14 mm × 1 mm TQFP outline with 0.5mm lead-pitch. The PowerPAD package has a
specially designed die mount pad that offers improved thermal capability over typical TQFP packages of the
same outline. The TI 100-TQFP PowerPAD
 package offers a back-side solder plane that connects directly
to the die mount pad for enhanced thermal conduction. Soldering the back side of the TFP101/101A to the
application board is not required thermally as the device power dissipation is well within the package capability
when not soldered.
Soldering the back side of the device to the PCB ground plane is recommended for elctrical considerations.
Since the die pad is electrically connected to the chip substrate and hence chip ground, connection of the
PowerPAD back side to a PCB ground plane will help to improve EMI, ground bounce, and power supply noise
performance.
Table 1 outlines the thermal properties of the TI 100-TQFP PowerPAD
 package. The 100-TQFP non-
PowerPAD
 package is included only for reference.
Table 1. TI 100-TQFP (14
× 14 × 1 mm)/0.5 mm Lead Pitch
PARAMETER
WITHOUT
PowerPAD
PowerPAD
NOT CONNECTED TO PCB
THERMAL PLANE
PowerPAD
CONNECTED TO PCB
THERMAL PLANE†
Theta-JA†,‡
45
°C/W
27.3
°C/W
17.3
°C/W
Theta-JC†,‡
3.11
°C/W
0.12
°C/W
0.12
°C/W
Maximum power dissipation†,‡,§
1.6 W
2.7 W
4.3 W
† Specified with 2 oz. Cu PCB plating.
‡ Airflow is at 0 LFM (no airflow)
§ Measured at ambient temperature, TA = 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com