Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP101APZP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TFP101APZP
Description  T1 PANELBUS DIGITAL RECEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP101APZP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TFP101APZP Datasheet HTML 9Page - Texas Instruments TFP101APZP Datasheet HTML 10Page - Texas Instruments TFP101APZP Datasheet HTML 11Page - Texas Instruments TFP101APZP Datasheet HTML 12Page - Texas Instruments TFP101APZP Datasheet HTML 13Page - Texas Instruments TFP101APZP Datasheet HTML 14Page - Texas Instruments TFP101APZP Datasheet HTML 15Page - Texas Instruments TFP101APZP Datasheet HTML 16Page - Texas Instruments TFP101APZP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TFP101, TFP101A
TI PanelBus DIGITAL RECEIVER
SLDS119C - MARCH 2000 − REVISED OCTOBER 2003
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TFP101A incorporates HSYNC jitter immunity (continued
HSYNC Shift by
± 1 Clock
ODCK
HSYNC IN
DE
HSYNC OUT
Figure 16. HSYNC Regeneration Timing Diagram
TFP101/101A modes of operation
The TFP101/101A provides systems design flexibility and value by providing the system designer with
configurable options or modes of operation to support varying system architectures. The following table outlines
the various panel modes that can be supported along with appropriate external control pin settings.
PANEL
PIXEL RATE
ODCK LATCH
EDGE
ODCK
DFO
PIXS
OCK_INV
TFT or 16-bit DSTN
1 pix/clock
Falling
Free run
0
0
0
TFT or 16-bit DSTN
1 pix/clock
Rising
Free run
0
0
1
TFT
2 pix/clock
Falling
Free run
0
1
0
TFT
2 pix/clock
Rising
Free run
0
1
1
24-bit DSTN
1 pix/clock
Falling
Gated low
1
0
0
NONE
1 pix/clock
Rising
Gated low
1
0
1
24-bit DSTN
2 pix/clock
Falling
Gated low
1
1
0
24-bit DSTN
2 pix/clock
Rising
Gated low
1
1
1
TFP101/101A output driver configurations
The TFP101/101A provides flexibility by offering various output driver features that can be used to optimize
power consumption, ground-bounce and power-supply noise. The following sections outline the output driver
features and their effects.
Output driver power down (PDO = low), Pulling PDO low will place all the output drivers, except CTL1 and
SCDT, into a high-impedance state. The SCDT output which indicates link-disabled or link-inactive can be tied
directly to the PDO input to disable the output drivers when the link is inactive or when the cable is disconnected.
An internal pullup on the PDO pin will default the TFP101/101A to the normal nonpower down output drive mode
if left unconnected.
Drive Strength (ST = high for high drive strength, ST=low for low drive strength.) The TFP101/101A allows
for selectable output drive strength on the data, control and ODCK outputs. See the dc specifications table for
the values of IOH and IOL current drives for a given ST state. The high output strength offers approximately two
times the drive as the low output drive strength.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com