Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP05 Datasheet(PDF) 8 Page - Analog Devices

Part # TMP05
Description  짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP05 Datasheet(HTML) 8 Page - Analog Devices

Back Button TMP05 Datasheet HTML 4Page - Analog Devices TMP05 Datasheet HTML 5Page - Analog Devices TMP05 Datasheet HTML 6Page - Analog Devices TMP05 Datasheet HTML 7Page - Analog Devices TMP05 Datasheet HTML 8Page - Analog Devices TMP05 Datasheet HTML 9Page - Analog Devices TMP05 Datasheet HTML 10Page - Analog Devices TMP05 Datasheet HTML 11Page - Analog Devices TMP05 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TMP05/TMP06
Rev. 0 | Page 8 of 28
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VDD to GND
–0.3 V to +7 V
Digital Input Voltage to GND
–0.3 V to VDD + 0.3 V
Maximum Output Current (OUT)
±10 mA
Operating Temperature Range1
–40°C to +150°C
Storage Temperature Range
–65°C to +160°C
Maximum Junction Temperature, TJMAX
150°C
5-Lead SOT-23
Power Dissipation2
WMAX = (TJ max – TA3)/θJA
Thermal Impedance4
θJA, Junction-to-Ambient (Still Air)
240°C/W
5-Lead SC-70
Power Dissipation2
WMAX = (TJ max – TA3)/θJA
Thermal Impedance4
θJA, Junction-to-Ambient
207.5°C/W
θJC, Junction-to-Case
172.3°C/W
IR Reflow Soldering
Peak Temperature
220°C (0°C/5°C)
Time at Peak Temperature
10 s to 20 s
Ramp-Up Rate
2°C/s to 3°C/s
Ramp-Down Rate
–6°C/s
1 It is not recommended to operate the device at temperatures above 125°C
for more than a total of 5% (5,000 hours) of the lifetime of the device. Any
exposure beyond this limit affects device reliability.
2 SOT-23 values relate to the package being used on a 2-layer PCB and SC-70
values relate to the package being used on a 4-layer PCB. See Figure
for a
plot of maximum power dissipation versus ambient temperature (T
4
A
).
3 TA = ambient temperature.
4 Junction-to-case resistance is applicable to components featuring a
preferential flow direction, for example, components mounted on a heat
sink. Junction-to-ambient resistance is more useful for air-cooled PCB
mounted components.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (
°C)
SC-70
SOT-23
Figure 4. Maximum Power Dissipation vs. Temperature
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com