Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP05 Datasheet(PDF) 4 Page - Analog Devices

Part # TMP05
Description  짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP05 Datasheet(HTML) 4 Page - Analog Devices

  TMP05 Datasheet HTML 1Page - Analog Devices TMP05 Datasheet HTML 2Page - Analog Devices TMP05 Datasheet HTML 3Page - Analog Devices TMP05 Datasheet HTML 4Page - Analog Devices TMP05 Datasheet HTML 5Page - Analog Devices TMP05 Datasheet HTML 6Page - Analog Devices TMP05 Datasheet HTML 7Page - Analog Devices TMP05 Datasheet HTML 8Page - Analog Devices TMP05 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TMP05/TMP06
Rev. 0 | Page 4 of 28
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TMP05 OUTPUT (PUSH-PULL)3
Output High Voltage, VOH
VDD − 0.3
V
IOH = 800 µA
Output Low Voltage, VOL
0.4
V
IOL = 800 µA
Output High Current, IOUT4
2
mA
Typ VOH = 3.17 V with VDD = 3.3 V
Pin Capacitance
10
pF
Rise Time,5 tLH
50
ns
Fall Time,5 tHL
50
ns
RON Resistance (Low Output)
55
Supply and temperature dependent
TMP06 OUTPUT (OPEN DRAIN)3
Output Low Voltage, VOL
0.4
V
IOL = 1.6 mA
Output Low Voltage, VOL
1.2
V
IOL = 5.0 mA
Pin Capacitance
10
pF
High Output Leakage Current, IOH
0.1
5
µA
PWMOUT = 5.5 V
Device Turn-On Time
20
ms
Fall Time,6 tHL
30
ns
RON Resistance (Low Output)
55
Supply and temperature dependent
DIGITAL INPUTS3
Input Current
±1
µA
VIN = 0 V to VDD
Input Low Voltage, VIL
0.3 × VDD
V
Input High Voltage, VIH
0.7 × VDD
V
Pin Capacitance
3
10
pF
1 It is not recommended to operate the device at temperatures above 125°C for more than a total of 5% (5,000 hours) of the lifetime of the device. Any exposure beyond
this limit affects device reliability.
2 Normal mode current relates to current during TL. TMP05/TMP06 are not converting during TH, so quiescent current relates to current during TH.
3 Guaranteed by design and characterization, not production tested.
4 It is advisable to restrict the current being pulled from the TMP05 output, because any excess currents going through the die cause self-heating. As a consequence,
false temperature readings can occur.
5 Test load circuit is 100 pF to GND.
6 Test load circuit is 100 pF to GND, 10 kΩ to 5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com