Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP05 Datasheet(PDF) 15 Page - Analog Devices

Part # TMP05
Description  짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP05 Datasheet(HTML) 15 Page - Analog Devices

Back Button TMP05 Datasheet HTML 11Page - Analog Devices TMP05 Datasheet HTML 12Page - Analog Devices TMP05 Datasheet HTML 13Page - Analog Devices TMP05 Datasheet HTML 14Page - Analog Devices TMP05 Datasheet HTML 15Page - Analog Devices TMP05 Datasheet HTML 16Page - Analog Devices TMP05 Datasheet HTML 17Page - Analog Devices TMP05 Datasheet HTML 18Page - Analog Devices TMP05 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
TMP05/TMP06
Rev. 0 | Page 15 of 28
OUT
MICRO
IN
TMP05/
TMP06
CONV/IN
OUT
#1
TMP05/
TMP06
CONV/IN
OUT
#2
TMP05/
TMP06
CONV/IN
OUT
#3
TMP05/
TMP06
CONV/IN
OUT
#N
The temperature equation for the high state conversion rate is
Temperature (°C) = 421 − (93.875 × (TH/TL))
(3)
Table 9. Conversion Times Using Equation 3
Temperature (°C)
TL (ms)
High Cycle Time (ms)
–40
16.3
96.2
–30
16.7
96.6
–20
17
97.03
–10
17.4
97.42
0
17.8
97.84
10
18.3
98.27
20
18.7
98.73
25
19
98.96
30
19.2
99.21
40
19.7
99.71
50
20.2
100.24
60
20.8
100.8
70
21.4
101.4
80
22
102.02
90
22.7
102.69
100
23.4
103.4
110
24.1
104.15
120
25
104.95
130
25.8
105.81
140
26.7
106.73
150
27.7
107.71
Figure 25. Daisy-Chain Structure
A second microcontroller line is needed to generate the conver-
sion start pulse on the CONV/IN pin. The pulse width of the
start pulse should be less than 25 µs. The start pulse on the
CONV/IN pin lets the first TMP05/TMP06 part know that it
should start a conversion and output its own temperature now.
Once the part has output its own temperature, it then outputs a
start pulse for the next part on the daisy-chain link. The pulse
width of the start pulse from each TMP05/TMP06 part is
typically 17 µs.
Figure 26 shows the start pulse on the CONV/IN pin of the first
device on the daisy chain and Figure 27 shows the PWM output
by this first part.
START
PULSE
<25
µs
T0
TIME
CONVERSION
STARTS ON
THIS EDGE
MUST GO HIGH ONLY
AFTER START PULSE HAS
BEEN OUTPUT BY LAST
TMP05/TMP06 ON DAISY CHAIN.
Daisy-Chain Mode
Setting the FUNC pin to a high state allows multiple TMP05/
TMP06s to be connected together and, therefore, allows one
input line of the microcontroller to be the sole receiver of all
temperature measurements. In this mode, the CONV/IN pin
operates as the input of the daisy chain, and conversions take
place at the nominal conversion rate of TH/TL = 40 ms/ 76 ms
at 25°C.
Therefore, the temperature equation for the daisy-chain mode
of operation is
Figure 26. Start Pulse at CONV/IN Pin of First TMP05/TMP06 Device
on Daisy Chain
Temperature (°C) = 421 − (751 × (TH/TL))
(4)
START
PULSE
17
µs
#1 TEMP MEASUREMENT
T0
TIME
Figure 27. Daisy-Chain Temperature Measurement
and Start Pulse Output from First TMP05/TMP06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com