Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2640 Datasheet(PDF) 1 Page - Supertex, Inc

Part # TP2640
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2640 Datasheet(HTML) 1 Page - Supertex, Inc

  TP2640_13 Datasheet HTML 1Page - Supertex, Inc TP2640_13 Datasheet HTML 2Page - Supertex, Inc TP2640_13 Datasheet HTML 3Page - Supertex, Inc TP2640_13 Datasheet HTML 4Page - Supertex, Inc TP2640_13 Datasheet HTML 5Page - Supertex, Inc TP2640_13 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
Doc.# DSFP-TP2640
B081613
TP2640
Product Marking
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
SiTP
2640
YYWW
TO-92
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YYWW
P2640
LLLL
8-Lead SOIC
DRAIN
DRAIN
DRAIN
DRAIN
GATE
SOURCE
N/C
N/C
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
Features
► Low threshold (-2.0V max.)
► High input impedance
► Low input capacitance
► Fast switching speeds
► Low on-resistance
► Free from secondary breakdown
► Low input and output leakage
Applications
► Logic level interfaces - ideal for TTL and CMOS
► Solid state relays
► Battery operated systems
► Photo voltaic drives
► Analog switches
► General purpose line drivers
► Telecom switches
General Description
This low threshold, enhancement-mode (normally-off)
transistor utilizes a vertical DMOS structure and Supertex’s
well-proven, silicon-gate manufacturing process. This
combination produces a device with the power handling
capabilities of bipolar transistors and the high input impedance
and positive temperature coefficient inherent in MOS devices.
Characteristic of all MOS structures, this device is free
from thermal runaway and thermally-induced secondary
breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide
range of switching and amplifying applications where very
low threshold voltage, high breakdown voltage, high input
impedance, low input capacitance, and fast switching speeds
are desired.
P-Channel Enhancement-Mode
Vertical DMOS FET
Absolute Maximum Ratings
Parameter
Value
Drain-to-source voltage
BV
DSS
Drain-to-gate voltage
BV
DGS
Gate-to-source voltage
±20V
Operating and storage temperature
-55OC to +150OC
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
Pin Configuration
TO-92
GATE
SOURCE
DRAIN
Ordering Information
Part Number
Package
Option
Packing
TP2640LG-G
8-Lead SOIC
2500/Reel
TP2640N3-G
3-Lead TO-92
1000/Bag
TP2640N3-G P002
3-Lead TO-92
2000/Reel
TP2640N3-G P003
TP2640N3-G P005
TP2640N3-G P013
TP2640N3-G P014
Product Summary
BV
DSS/BVDGS
R
DS(ON)
(max)
I
D(ON)
(min)
V
GS(th)
(max)
-400V
15Ω
-2.0A
-0.7V
-G denotes a lead (Pb)-free / RoHS compliant package.
Contact factory for Wafer / Die availablity.
Devices in Wafer / Die form are lead (Pb)-free / RoHS compliant.
Typical Thermal Resistance
Package
θ
ja
8-Lead SOIC
101OC/W
TO-92
132OC/W
8-Lead SOIC


Similar Part No. - TP2640_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP2640LG SUTEX-TP2640LG Datasheet
457Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP2640LG SUTEX-TP2640LG Datasheet
562Kb / 5P
P- Channel Enhancement-Mode Vertical DMOS FETs
TP2640LG-G SUTEX-TP2640LG-G Datasheet
562Kb / 5P
P- Channel Enhancement-Mode Vertical DMOS FETs
TP2640N3 SUTEX-TP2640N3 Datasheet
457Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP2640N3 SUTEX-TP2640N3 Datasheet
562Kb / 5P
P- Channel Enhancement-Mode Vertical DMOS FETs
More results

Similar Description - TP2640_13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BS250F ZETEX-BS250F Datasheet
80Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2106A ZETEX-ZVP2106A Datasheet
51Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2110A ZETEX-ZVP2110A Datasheet
65Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2120G ZETEX-ZVP2120G Datasheet
74Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3306F ZETEX-ZVP3306F Datasheet
109Kb / 2P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4105A ZETEX-ZVP4105A Datasheet
49Kb / 1P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVP4105A DIODES-ZVP4105A Datasheet
60Kb / 1P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
MARCH 1994
ZVP3310A DIODES-ZVP3310A_15 Datasheet
94Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
MARCH 1994
logo
Supertex, Inc
TP5335 SUTEX-TP5335_13 Datasheet
582Kb / 3P
P-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
VP0106 MICROCHIP-VP0106 Datasheet
759Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
Rev. A April 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com