Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2640 Datasheet(PDF) 3 Page - Supertex, Inc

Part # TP2640
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2640 Datasheet(HTML) 3 Page - Supertex, Inc

  TP2640_13 Datasheet HTML 1Page - Supertex, Inc TP2640_13 Datasheet HTML 2Page - Supertex, Inc TP2640_13 Datasheet HTML 3Page - Supertex, Inc TP2640_13 Datasheet HTML 4Page - Supertex, Inc TP2640_13 Datasheet HTML 5Page - Supertex, Inc TP2640_13 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Supertex inc.
www.supertex.com
Doc.# DSFP-TP2640
B081613
TP2640
Typical Performance Curves
Gate Drive Dynamic Characteristics
Q
G (nanocoulombs)
V
(th) and RDS Variation with Temperature
On-Resistance vs. Drain Current
I
D (amperes)
BV
DSS Variation with Temperature
T
j (
O
C)
-50
0
50
100
150
1.1
1.0
0.9
30
24
18
12
6.0
0
1.2
1.1
1.0
0.9
0.8
-10
-8.0
-6.0
-4.0
-2.0
0
0
1.0
2.0
3.0
4.0
5.0
V
GS = -2.5V
0
-0.4
-0.8
-1.2
-1.6
-2.0
678 pF
2.5
2.0
1.5
1.0
0.5
0
V
(th)@ -1mA
R
DS(ON) @ -10V, -0.3A
V
GS = -10V
-50
0
50
100
150
T
j (
O
C)
V
DS = -10V
V
DS = -40V
V
GS = -4.5V
Transfer Characteristics
V
GS (volts)
0
-2.0
-4.0
-6.0
-8.0
-10
-2.0
-1.6
-1.2
-0.8
-0.4
0
V
DS = -25
O
C
T
A = -55
O
C
25OC
125OC
Capacitance vs. Drain-to-Source Voltage
400
300
200
100
0
V
DS (volts)
0
-10
-20
-30
-40
f = 1MHz
C
ISS
C
OSS
C
RSS
263pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com