Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2640 Datasheet(PDF) 2 Page - Supertex, Inc

Part # TP2640
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2640 Datasheet(HTML) 2 Page - Supertex, Inc

  TP2640_13 Datasheet HTML 1Page - Supertex, Inc TP2640_13 Datasheet HTML 2Page - Supertex, Inc TP2640_13 Datasheet HTML 3Page - Supertex, Inc TP2640_13 Datasheet HTML 4Page - Supertex, Inc TP2640_13 Datasheet HTML 5Page - Supertex, Inc TP2640_13 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-TP2640
B081613
TP2640
Electrical Characteristics (T
A = 25°C unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
BV
DSS
Drain-to-source breakdown voltage
-400
-
-
V
V
GS = 0V, ID = -2.0mA
V
GS(th)
Gate threshold voltage
-0.8
-
-2.0
V
V
GS = VDS, ID = -1.0mA
ΔV
GS(th)
Change in V
GS(th) with temperature
-
-
5.0
mV/OC V
GS = VDS, ID = -1.0mA
I
GSS
Gate body leakage
-
-100
nA
V
GS = ±20V, VDS = 0V
I
DSS
Zero gate voltage drain current
-
-
-1.0
µA
V
GS = 0V, VDS = -100V
-10.0
V
GS = 0V, VDS = Max rating
-1.0
mA
V
DS = 0.8 Max Rating,
V
GS = 0V, TA = 125
O
C
I
D(ON)
On-state drain current
-0.7
-
-
A
V
GS = -10V, VDS = -25V
R
DS(ON)
Static drain-to-source on-state resistance
-
12
15
Ω
V
GS = -2.5V, ID = -20mA
11
15
V
GS = -4.5V, ID = -150mA
11
15
V
GS = -10V, ID = -300mA
ΔR
DS(ON)
Change in R
DS(ON) with temperature
-
-
0.75
%/OC
V
GS = -10V, ID = -300mA
G
FS
Forward transconductance
200
-
-
mmho V
DS = -25V, ID = -300mA
C
ISS
Input capacitance
-
-
300
pF
V
GS = 0V,
V
DS = -25V,
f = 1.0MHz
C
OSS
Common source output capacitance
-
-
50
C
RSS
Reverse transfer capacitance
-
-
12
t
d(ON)
Turn-on delay time
-
-
10
ns
V
DD = -25V,
I
D = -300mA,
R
GEN = 25Ω
t
r
Rise time
-
-
15
t
d(OFF)
Turn-off delay time
-
-
60
t
f
Fall time
-
-
40
V
SD
Diode forward voltage drop
-
-
-1.8
V
V
GS = 0V, ISD = -200mA
t
rr
Reverse recovery time
-
300
-
ns
V
GS = 0V, ISD = -200mA
Notes:
1.
All D.C. parameters 100% tested at 25C unless otherwise stated. (Pulse test: 300s pulse, 2% duty cycle.)
2.
All A.C. parameters sample tested.
Thermal Characteristics
Package
I
D
(continuous)†
I
D
(pulsed)
Power Dissipation
@T
A = 25
O
C
I
DR
†
I
DRM
8-Lead SOIC
-86mA
-600mA
0.74W‡
-86mA
-600mA
TO-92
-180mA
-0.8mA
1.0W
-180mA
-0.8mA
† I
D (continuous) is limited by max rated Tj .
‡ Mounted on FR5 board, 25mm x 25mm x 1.57mm.
Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
Pulse
Generator
VDD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
f
t
r
INPUT
R
GEN
INPUT
OUTPUT
0V
VDD
0V
-10V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com