Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMS20 Datasheet(PDF) 1 Page - Copal Electronics

Part # RMS20
Description  MANUAL SETTING TYPE MAGNETIC ENCODERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

RMS20 Datasheet(HTML) 1 Page - Copal Electronics

  RMS20 Datasheet HTML 1Page - Copal Electronics RMS20 Datasheet HTML 2Page - Copal Electronics RMS20 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RMS20
MANUAL SETTING TYPE MAGNETIC ENCODERS
■ PART NUMBER DESIGNATION
RMS20 - 250 - 201 - 1
Series name
Resolution (P/R)
100, 250, 256
Output connection
1:Cable wire
Output phase
2:“A” & “B”
Resolution
Item
Input voltage
Part number
■ LIST OF PART NUMBERS
100 (P/R)
250 (P/R)
256 (P/R)
RMS20-100-201-1
RMS20-250-201-1
RMS20-256-201-1
5 V
※Verify the above part numbers when placing orders.
Rotational torque
Inertia
Shaft loading
(When mounting)
Radial
Axial
Rotational life
Net weight
Strength of tighten screw
Operating temp. range
Storage temp. range
Protection grade
Input voltage
Input current
Output wave form
Output phases
(P/R)
Resolution
Phase difference of outputs A & B
Maximum frequency response
Output signal
“1 (High)”
“0 (Low)”
Sensor
■ STANDARD SPECIFICATIONS
DC5 V
± 5 %
15 mA maximum (No load)
Square wave
A, B
90°
± 45°
100
250
256
5 kHz
+ 4.5 V minimum
+ 0.5 V maximum
Magnetoresistive element
O Electrical characteristics
O Mechanical characteristics
4.90 mN·m {50 gf·cm} maximum
3 g·cm
2 maximum
9.81 N {1 kgf} maximum
9.81 N {1 kgf} maximum
10
5 回転 revolution
Approx. 20 g
0.49 N·m {5 kgf·cm} maximum
O Environmental characteristics
− 10 ~ 60 °C
− 40 ~ 70 °C
IP40
■ FEATURES
O High resolution of 256 P/R and fine setting
O Lower consumption of electric power (15 mA maximum) due to magnetic method
O Long life for 105 times continuous run due to contactless & magnetic method
O Square wave output (with Amp.)
O Smooth rotation for setting
O RoHS compliant
RoHS compliant


Similar Part No. - RMS20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMS200A502 VISHAY-RMS200A502 Datasheet
202Kb / 3P
Conductive Plastic Rotative Transducer Elements (KIT)
26-Mar-15
More results

Similar Description - RMS20

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
3S4YR-HNF OMRON-3S4YR-HNF Datasheet
165Kb / 6P
Manual Swipe Magnetic Card Reader
3S4YR-SBRN OMRON-3S4YR-SBRN Datasheet
350Kb / 2P
Manual Insert Magnetic Card Reader
V3B OMRON-V3B Datasheet
150Kb / 6P
Manual Swipe Magnetic Card Reader
logo
Panasonic Semiconductor
ZU-1890MU1 PANASONIC-ZU-1890MU1 Datasheet
151Kb / 10P
Manual Insertion Type Magnetic Card Reader
logo
Copal Electronics
REC16K COPAL-REC16K Datasheet
112Kb / 5P
MANUAL SETTING TYPE OPTICAL ENCODERS
REC COPAL-REC Datasheet
131Kb / 6P
MANUAL SETTING TYPE OPTICAL ENCODERS
REC16 COPAL-REC16 Datasheet
123Kb / 4P
MANUAL SETTING TYPE OPTICAL ENCODERS
REC16D COPAL-REC16D Datasheet
107Kb / 4P
MANUAL SETTING TYPE OPTICAL ENCODERS
logo
Omron Electronics LLC
3S4YR-HSR OMRON-3S4YR-HSR Datasheet
214Kb / 4P
Manual Swipe Magnetic Card Reader
3S4YR-HZR OMRON-3S4YR-HZR Datasheet
478Kb / 4P
Manual Swipe Magnetic Card Reader
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com