Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMS20 Datasheet(PDF) 3 Page - Copal Electronics

Part # RMS20
Description  MANUAL SETTING TYPE MAGNETIC ENCODERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

RMS20 Datasheet(HTML) 3 Page - Copal Electronics

  RMS20 Datasheet HTML 1Page - Copal Electronics RMS20 Datasheet HTML 2Page - Copal Electronics RMS20 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RMS20
MAGNETIC ENCODERS
Red
Brown
White
Black
■ OUTPUT
■ ELECTRICAL WIRING
■ OUTPUT CIRCUIT
Power
B
Output “B”
Output “A”
Power 0 (V)
T
b
ac
d
T
a, b, c, d = T/4
±T/8
T =
±T/8
Output “A”
Output “B”
CW
CCW
Vcc 5 V (Red)
Output
“A” (White)
“B” (Brown)
0 V (Black)
Sink current 1 mA maximum (at 25 C)
IC
10 k
Ω



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com