Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMS20 Datasheet(PDF) 2 Page - Copal Electronics

Part # RMS20
Description  MANUAL SETTING TYPE MAGNETIC ENCODERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

RMS20 Datasheet(HTML) 2 Page - Copal Electronics

  RMS20 Datasheet HTML 1Page - Copal Electronics RMS20 Datasheet HTML 2Page - Copal Electronics RMS20 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AWG28
20
4.5
0
– 0.1
M 9
× 0.75
0.75 max.
Unspecified tapped area
10
(0.85)
10
1
23.5
13.5
(37)
M 9
P = 0.75
12
1. Nut
2
2. Washer
0.5
1
9.4
12.9
φ
φ
Vibration
Power OFF
Power OFF
Power OFF
Power ON
Power OFF
Power OFF
Power OFF
Shock
High temperature
exposure
Low temperature
exposure
Humidity
Thermal shock
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.4 (Unit: mm)
RMS20
MAGNETIC ENCODERS
Test item
■ RELIABILITY TEST
The output shall satisfy the criteria below after the following tests.
Test conditions
Amplitude : 1.52 mm or 98.1 m/s
2 (10 G) whichever is smaller.
10 ~ 500 Hz excursion 15 min/cycle, 8 cycles each for X, Y, Z, directions.
3 times each in directions (X, Z) at 490 m/s
2 (50 G), 11 ms.
70 °C 96 h
(To be measured after leaving samples for 1 h at normal temperature and
humidity after the test.)
60 °C 96 h
− 40 °C 96 h
40 °C Relative humidity 90 ∼ 95 % 96 h
(To be measured after wiping out moisture and leaving samples for 1 h at normal temperature and humidity after the test.)
To be done 10 cycles with the following condition
(To be measured after leaving samples for 1 h at normal temperature and humidity after the test.)
70 °C 0.5 h、
− 40 °C 0.5 h
〈Accessories〉



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com