Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8001 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT8001
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT8001 Datasheet HTML 17Page - Exar Corporation XRT8001 Datasheet HTML 18Page - Exar Corporation XRT8001 Datasheet HTML 19Page - Exar Corporation XRT8001 Datasheet HTML 20Page - Exar Corporation XRT8001 Datasheet HTML 21Page - Exar Corporation XRT8001 Datasheet HTML 22Page - Exar Corporation XRT8001 Datasheet HTML 23Page - Exar Corporation XRT8001 Datasheet HTML 24Page - Exar Corporation XRT8001 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
XRT8001
21
Rev. 1.01
Figure 13. Illustration of the XRT8001 WAN Clock Device
Operating in the “Forward/Master” Mode
5.0 Configuring the XRT8001 WAN Clock into
the “Forward/Master” Mode
The user can configure the XRT8001 WAN Clock to
operate in the “Forward/Master” Mode, by executing
the following steps:
Step 1 – Configure the XRT8001 to operate in the
“MASTER” Mode, by pulling the MSB pin (pin 8) to
VDD.
Step 2 – Review Table 4, and determine which combi-
nation of “Input Frequency” and “Output Frequencies”
(via PLL1 and PLL2) correlate with the desired configu-
ration.
Input Frequency
PLL1 Output
Frequency
PLL2 Output
Frequency
Value to Write to D4-D1
in CR0
N x 1.544MHz
K x 56kHz
K x 56kHz
0000
N x 1.544MHz
K x 56kHz
K x 64kHz
0001
N x 1.544MHz
K x 64kHz
K x 64kHz
0010
N x 2.048MHz
K x 56kHz
K x 56kHz
0100
N x 2.048MHz
K x 56kHz
K x 64kHz
0101
N x 2.048MHz
K x 64kHz
K x 64kHz
0110
Table 4. Listing of “Input Frequency and “Output Frequency”
Cases for “Forward/Master” Mode Operation
XRT8001
WAN Clock
FIN
CLK1
CLK2
N x 1.544MHz
or
N x 2.048MHz
Where 1 < N < 16
K x 56kHz
or
K x 64kHz
Where 1 < K < 32
K x 56kHz
or
K x 64kHz
Where 1 < K < 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com