Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8001 Datasheet(PDF) 6 Page - Exar Corporation

Part # XRT8001
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRT8001 Datasheet HTML 2Page - Exar Corporation XRT8001 Datasheet HTML 3Page - Exar Corporation XRT8001 Datasheet HTML 4Page - Exar Corporation XRT8001 Datasheet HTML 5Page - Exar Corporation XRT8001 Datasheet HTML 6Page - Exar Corporation XRT8001 Datasheet HTML 7Page - Exar Corporation XRT8001 Datasheet HTML 8Page - Exar Corporation XRT8001 Datasheet HTML 9Page - Exar Corporation XRT8001 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
XRT8001
6
Rev. 1.01
AC ELECTRICAL CHARACTERISTICS (See Figure 4.)
Symbol
Parameter
Min.
Typ.
Max. Units
Conditions
t1
Input Frequency
0.008
32.7
MHz
3.3V
0.008
32.7
MHz
5V
t2
Minimum Input Signal “High” to
12
ns
“Low” Duration
t3
Output Frequency
56
16,384
kHz
t61
Duty Cycle
47.5
50
52.5
%
VCC/2 switch point, 30pF Load
t74
Jitter Added 8kHz – 40kHz
0.01
0.02
UI
3.3V, Output = 1.544MHz (0.025 UI)3
0.01
0.02
UI
5V, Output = 1.544MHz (0.025 UI)3
t74
Jitter Added 10Hz – 40kHz
0.03
UI
3.3V, Output = 1.544MHz (0.025 UI)3
0.03
–
UI
5V, Output = 1.544MHz (0.025 UI)3
t74
Broadband Jitter
0.03
0.05
UI
3.3V, Output = 1.544MHz (0.05 UI)3
0.035 0.05
UI
5V, Output = 1.544MHz (0.05 UI)3
t74
Jitter Added 20Hz – 100kHz
0.07
UI
3.3V, Output = 2.048MHz (1.5 UI)3
0.01
0.07
UI
5V, Output = 2.048MHz (1.5 UI)3
t74
Jitter Added 18kHz – 100kHz
0.03
UI
3.3V, Output = 2.048MHz (0.2 UI)3
0.007 0.03
UI
5V, Output = 2.048MHz (0.2 UI)3
t8
Capture Time
40
ms
3.3V
40
ms
5V
t9
Clock Output Rise Time
10ns
ns
30pF load measured at 20/80%
t10
Clock Output Fall Time
10ns
ns
30pF load measured at 20/80%
t112
SYNC Output Signal Duty Cycle
40
60
%
VCC/2 switch point
t12
SYNC Ouput Signal + ½ Cycle
t13
SYNC Output Signal – ½ Cycle
t14
Delay Time between the rising
t-20
t+20
ns
See Table 8 for values of “t”
edge of of SYNC and the Rising
edge of CLK1 and CLK2
t21
CSB Low to Rising Edge of SCLK
50
ns
Setup Time
t22
CSB High to Rising Edge of SCLK
20
ns
Hold Time
t23
SDI to Rising Edge of SCLK Setup Time
50
ns
t24
SDI to Rising Edge of SCLK Hold Time
50
ns
t25
SCLK “Low” Time
240
ns
t26
SCLK “High” Time
240
ns
t27
SCLK Period
500
ns
t28
CSB Low to Rising Edge of SCLK
50
ns
Hold Time
t29
CSB “Inactive” Time
250
ns
t30
Falling Edge of SCLK to SDO Valid Time
200
ns
t31
Falling Edge of SCLK to SDO Invalid Time
100
ns
t32
Falling Edge of SCLK, or rising edge
100
ns
of CSB to High Z
t33
Rise/Fall time of SDO Output
40
ns
PW
MIN
F
IN Duty Cycle
12
ns
Notes:
1
2
3
Specifications from AT&T Publication 62411 and ITU-T
Recommendations G-823 (for 1.544MHz and (2.048MHz).
4
t7 is guaranteed by characterization, not tested.
t6 =
t4
(t4 + t5)
t11 =
t12
(t12 + t13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com