Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8001 Datasheet(PDF) 30 Page - Exar Corporation

Part # XRT8001
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001 Datasheet(HTML) 30 Page - Exar Corporation

Back Button XRT8001 Datasheet HTML 26Page - Exar Corporation XRT8001 Datasheet HTML 27Page - Exar Corporation XRT8001 Datasheet HTML 28Page - Exar Corporation XRT8001 Datasheet HTML 29Page - Exar Corporation XRT8001 Datasheet HTML 30Page - Exar Corporation XRT8001 Datasheet HTML 31Page - Exar Corporation XRT8001 Datasheet HTML 32Page - Exar Corporation XRT8001 Datasheet HTML 33Page - Exar Corporation XRT8001 Datasheet HTML 34Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
XRT8001
30
Rev. 1.01
Value of “M”
Value to be Written into
Command Register CR2
1
0000X
2
0001X
4
001XX
8
X1XX or 1XXX
Table 7. Relationship Between the Value of
“M” and the Value to Be Written into Command
Register CR2 (in Order to Configure the “CLK1”
Output Frequency)
Note: The expression “X” indicates a “Don’t Care” value for
that particular bit-field.
Command Register, CR2 (Address = 0x02)
D4
D3
D2
D1
D0
SEL14
SEL13
SEL12
SEL11
SEL10
Value from Table 7
Step 5 – Specify the value for “M” (e.g., as in the “M x
2.048MHz” clock signal) which is to be the output on
the “CLK2” output pin.
This is accomplished by reviewing Table 8, and deter-
mining the 5-bit binary value which corresponds with
the desired value of “M”. Afterwards, the user should
write this value into Command Register, CR3.
Value of “M”
Value to be Written into
Command Register CR3
1
0000X
2
0001X
4
001XX
8
X1XXX or 1XXXX
Table 8. Relationship Between the Value of
“M” and the Value to Be Written into Command
Register CR3 (in Order to Configure the “CLK2”
Output Frequency)
Note: The expression “X” indicates a “Don’t Care” value
for that particular bit-field.
Command Register, CR3 (Address = 0x03)
D4
D3
D2
D1
D0
SEL24
SEL23
SEL22
SEL21
SEL20
Value from Table 8
Step 6 – Enable any of the following output signals as
appropriate:
“SYNC”, “CLK1”, “CLK2” and
“LOCKDET”.
This is accomplished by writing a “1” into the corre-
sponding bit-fields, within Command Register CR4, as
illustrated below:
Command Register CR4, (Address = 0x04)
D4
D3
D2
D1
D0
SYNCEN
CLK1EN
CLK2EN
LDETDIS2
LDETDIS1
1
1
1
0
0
6.8 The "Forward/Slave" Mode
When the XRT8001 WAN Clock has been configured to
operate in the “Forward/Slave” Mode, then it will accept
an 8kHz clock signal via the “Reference Clock” input at
FIN (pin 3). In response to this clock signal, the
XRT8001 WAN Clock will output either a “L x 56kHz” or
“L x 64kHz” clock signal via the “Clock Output pins”
(CLK1 and CLK2); where L can range in value from 1 to
32.
A simple illustration of the XRT8001 WAN Clock
operating in the "Forward/Slave" Mode” is presented in
Figure 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com