Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB3771 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # MB3771
Description  Power Supply Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3771 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button MB3771 Datasheet HTML 9Page - Cypress Semiconductor MB3771 Datasheet HTML 10Page - Cypress Semiconductor MB3771 Datasheet HTML 11Page - Cypress Semiconductor MB3771 Datasheet HTML 12Page - Cypress Semiconductor MB3771 Datasheet HTML 13Page - Cypress Semiconductor MB3771 Datasheet HTML 14Page - Cypress Semiconductor MB3771 Datasheet HTML 15Page - Cypress Semiconductor MB3771 Datasheet HTML 16Page - Cypress Semiconductor MB3771 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
MB3771
Document Number: 002-08511 Rev. *A
Page 13 of 24
8.10.2 5 V Reference Voltage Generation and 5V Monitoring (No.1)
Detection Voltage = 4.2 V
In the above examples, the output voltage and the detection voltage are determined by the following equations:
Output Voltage = (R3 + R4) VSC/R4
8.10.3 5 V Reference Voltage Generation and 5 V Monitoring (No. 2)
The value of R1 should be calculated from the current consumption of the MB3771, the current flowing at R2 and R3, and the 5 V
output current. The table below provides sample resistance values for reference.
8.10.4 1.245 V Reference Voltage Generation and 5 V Monitoring
Resistor R1 determines Reference current. Using 1.2 k as R1, reference current is about 2 mA.
VCC (V)
R1 (kΩ)
Output Current (mA)
40
11
< 1.6
24
6.2
< 1.4
15
4.7
< 0.6
CT
MB3771
1
2
3
4
8
7
6
5
RESET
0.47
μF
R5 : 3 k
Ω
R3 : 3.6 k
Ω
R4 : 1.2 k
Ω
15 V
5 V(
≅ 50 mA)
CT
1
2
3
4
8
7
6
5
RESET
VCC
0.47
μF
R3 : 33 k
Ω
R1
R2 :
100 k
Ω
5 V
GND
CT
1
2
3
4
8
7
6
5
RESET
VCC
(5 V)
0.47
μF
R1 : 10 k
Ω
GND
Reference Voltage
1.245 V Typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com