Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB3771 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # MB3771
Description  Power Supply Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3771 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button MB3771 Datasheet HTML 16Page - Cypress Semiconductor MB3771 Datasheet HTML 17Page - Cypress Semiconductor MB3771 Datasheet HTML 18Page - Cypress Semiconductor MB3771 Datasheet HTML 19Page - Cypress Semiconductor MB3771 Datasheet HTML 20Page - Cypress Semiconductor MB3771 Datasheet HTML 21Page - Cypress Semiconductor MB3771 Datasheet HTML 22Page - Cypress Semiconductor MB3771 Datasheet HTML 23Page - Cypress Semiconductor MB3771 Datasheet HTML 24Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
MB3771
Document Number: 002-08511 Rev. *A
Page 21 of 24
15. MB3771PF-
❏❏❏E1 Recommended Conditions of Moisture Sensitivity Level
[Temperature Profile for FJ Standard IR Reflow]
1. IR (infrared reflow)
2. Manual soldering (partial heating method)
Conditions : Temperature 400°C MAX
Times
: 5 s max/pin
Item
Condition
Mounting Method
IR (infrared reflow) , Manual soldering (partial heating method)
Mounting times
2 times
Storage period
Before opening
Please use it within two years after
Manufacture.
From opening to the 2nd
reflow
Less than 8 days
When the storage period after
opening was exceeded
Please processes within 8 days
after baking (125°C, 24H)
Storage conditions
5°C to 30°C, 70%RH or less (the lowest possible humidity)
260
°C
(e)
(d')
(d)
255
°C
220
°C
170
°C
190
°C
RT
(b)
(a)
(c)
to
Note : Temperature : the top of the package body
(a) Temperature Increase gradient : Average 1°C/s to 4°C/s
(b) Preliminary heating
: Temperature 170°C to 190°C, 60s to 180s
(c) Temperature Increase gradient : Average 1°C/s to 4°C/s
(d) Actual heating
: Temperature 260°C MAX; 255°C or more, 10s or less
(d’) Main heating
: Temperature 230°C or more, 40s or less
or
Temperature 225°C or more, 60s or less
or
Temperature 220°C or more, 80s or less
(e) Cooling
: Natural cooling or forced cooling
H rank : 260°C Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com