Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB3771 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # MB3771
Description  Power Supply Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3771 Datasheet(HTML) 2 Page - Cypress Semiconductor

  MB3771 Datasheet HTML 1Page - Cypress Semiconductor MB3771 Datasheet HTML 2Page - Cypress Semiconductor MB3771 Datasheet HTML 3Page - Cypress Semiconductor MB3771 Datasheet HTML 4Page - Cypress Semiconductor MB3771 Datasheet HTML 5Page - Cypress Semiconductor MB3771 Datasheet HTML 6Page - Cypress Semiconductor MB3771 Datasheet HTML 7Page - Cypress Semiconductor MB3771 Datasheet HTML 8Page - Cypress Semiconductor MB3771 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MB3771
Document Number: 002-08511 Rev. *A
Page 2 of 24
Contents
Pin Assignment ................................................................ 3
Block Diagram .................................................................. 3
Functional Descriptions ................................................... 4
Function Explanation ....................................................... 4
Absolute Maximum Ratings ............................................ 5
Recommended Operating Conditions ............................ 5
Electrical Characteristics ................................................. 6
DC Characteristics ...................................................... 6
AC Characteristics ....................................................... 7
Application Circuit............................................................ 8
5V Power Supply Monitor............................................ 8
5V Power Supply Voltage Monitor
(Externally Fine-Tuned Type) ...................................... 8
Arbitrary Voltage Supply Monitor ................................. 9
5 V and 12 V Power Supply Monitor (2 types of power
supply monitor VCC1 = 5 V, VCC2 =12 V) ................ 10
5 V and 12 V Power Supply Monitor (RESET signal
is generated by 5 V, VCC1 = 5 V, VCC2 = 12 V) ...... 10
5 V Power Supply Monitor with forced RESET
input (VCC = 5 V) ...................................................... 11
5 V Power Supply Monitor with
Non-inverted RESET ................................................. 11
Supply Voltage Monitoring with Delayed Trigger ...... 11
Dual (Positive/Negative) Power Supply
Voltage Monitoring (VCC = 5 V,
VEE = Negative Power Supply) ................................ 12
Reference Voltage Generation and
Voltage Sagging Detection ........................................ 12
Low Voltage and Over Voltage
Detection (VCC = 5 V) ............................................... 14
Detection of Abnormal State of Power
Supply System (VCC = 5 V) ...................................... 14
Back-up Power Supply System (VCC = 5 V) ............ 15
Typical Characteristics .................................................. 17
Notes on Use ................................................................... 19
Ordering Information ...................................................... 19
RoHS Compliance Information of
Lead (Pb) Free version ................................................... 19
Marking Format (Lead Free version) ........................... 20
Labeling Sample (Lead free version) ........................... 20
MB3771PF-
❏❏❏E1 Recommended Conditions
of Moisture Sensitivity Level ......................................... 21
Package Dimensions ...................................................... 22
Document History ........................................................... 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com