Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB3773 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # MB3773
Description  Power Supply Monitor with Watch-Dog Timer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3773 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button MB3773 Datasheet HTML 9Page - Cypress Semiconductor MB3773 Datasheet HTML 10Page - Cypress Semiconductor MB3773 Datasheet HTML 11Page - Cypress Semiconductor MB3773 Datasheet HTML 12Page - Cypress Semiconductor MB3773 Datasheet HTML 13Page - Cypress Semiconductor MB3773 Datasheet HTML 14Page - Cypress Semiconductor MB3773 Datasheet HTML 15Page - Cypress Semiconductor MB3773 Datasheet HTML 16Page - Cypress Semiconductor MB3773 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
MB3773
Document Number: 002-08513 Rev. *A
Page 13 of 31
(Continued)
3
2
1
0
−40 −20
+20
0
+40
+60
+80 +100
CT
= 0.1 μF
VCC
= 5 V
−40 −20
+20
0
+40
+60
+80 +100
16
14
12
10
8
6
4
0
CT
= 0.1 μF
VCC
= 5 V
10 6
10 5
10 4
10 3
10 2
10 1
10 0
10 −1
10 −2
10 −3
10 −3 10 −2 10 −1 10 0 10 1 10 2
Ta
= −40 °C
Ta
=
+25 °C, +85 °C
10 −3 10 −2 10 −1 10 0 10 1 10 2
10 2
10 1
10 0
10 −1
10 −2
10 −3
Ta
= +25 °C,
+85 °C
Ta
=
−40 °C
10 6
10 5
10 4
10 3
10 2
10 1
10 0
10 −1
10 −2
10 −3
10 −3 10 −2 10 −1 10 0 10 1 10 2
Ta
= −40 °C
Ta
= +25 °C, +85 °C
Rising reset hold time vs.
CT terminal capacitance
Watch-dog timer watching time vs.
Operating ambient temperature
Operating ambient temperature Ta (°C)
Reset time vs.
Operating ambient temperature
Operating ambient temperature Ta (°C)
CT terminal capacitance CT (μF)
(At watch-dog timer)
Reset time vs.
CT terminal capacitance
Watch-dog timer watching time
vs.
CT terminal capacitance
CT terminal capacitance CT (μF)
(at watch-dog timer)
CT terminal capacitance CT (μF)
10 −3 10 −2 10 −1 10 0 10 1 10 2
10 2
10 1
10 0
10 −1
10 −2
10 −3
Ta
= +25 °C,
+85 °C
Ta
=
−40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com