Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB3773 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # MB3773
Description  Power Supply Monitor with Watch-Dog Timer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3773 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button MB3773 Datasheet HTML 17Page - Cypress Semiconductor MB3773 Datasheet HTML 18Page - Cypress Semiconductor MB3773 Datasheet HTML 19Page - Cypress Semiconductor MB3773 Datasheet HTML 20Page - Cypress Semiconductor MB3773 Datasheet HTML 21Page - Cypress Semiconductor MB3773 Datasheet HTML 22Page - Cypress Semiconductor MB3773 Datasheet HTML 23Page - Cypress Semiconductor MB3773 Datasheet HTML 24Page - Cypress Semiconductor MB3773 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
MB3773
Document Number: 002-08513 Rev. *A
Page 21 of 31
(Continued)
(c) Using NPN transistor
VCC (5 V)
1
2
3
4
8
7
6
5
CT
MB3773
RESET
RESET
CK
GND
Logic circuit
R2=1 kΩ
HALT
R1=1 MΩ
(d) Using PNP transistor
VCC (5 V)
1
2
3
4
8
7
6
5
CT
MB3773
RESET
RESET
CK
GND
Logic circuit
R2=1 kΩ
HALT
R1=51 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com