Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLAS1053 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLAS1053
Description  2:1 Mux/Demux Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS1053 Datasheet(HTML) 2 Page - ON Semiconductor

  NLAS1053_15 Datasheet HTML 1Page - ON Semiconductor NLAS1053_15 Datasheet HTML 2Page - ON Semiconductor NLAS1053_15 Datasheet HTML 3Page - ON Semiconductor NLAS1053_15 Datasheet HTML 4Page - ON Semiconductor NLAS1053_15 Datasheet HTML 5Page - ON Semiconductor NLAS1053_15 Datasheet HTML 6Page - ON Semiconductor NLAS1053_15 Datasheet HTML 7Page - ON Semiconductor NLAS1053_15 Datasheet HTML 8Page - ON Semiconductor NLAS1053_15 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NLAS1053
www.onsemi.com
2
MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Positive DC Supply Voltage
VCC
−0.5 to +7.0
V
Digital Input Voltage (Select and Inhibit)
VIN
−0.5 ≤ V is ≤ +7.0
V
Analog Output Voltage (VCH or VCOM)
VIS
−0.5 ≤ V is ≤ VCC +0.5
V
DC Current, Into or Out of Any Pin
IIK
50
mA
Storage Temperature Range
TSTG
−65 to +150
_C
Lead Temperature, 1 mm from Case for 10 Seconds
TL
260
_C
Junction Temperature under Bias
TJ
+150
_C
Thermal Resistance
qJA
250
_C/W
Power Dissipation in Still Air at 85
_C
PD
250
mW
Moisture Sensitivity
MSL
Level 1
Flammability Rating
Oxygen Index: 30% − 35%
FR
UL 94 V−0 @ 0.125 in
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
VESD
> 2000
200
N/A
V
Latchup Performance
Above VCC and Below GND at 85_C (Note 5)
ILatchup
±300
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2−ounce copper trace with no air flow.
2. Tested to EIA/JESD22−A114−A.
3. Tested to EIA/JESD22−A115−A.
4. Tested to JESD22−C101−A.
5. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Characteristics
Symbol
Min
Max
Unit
Positive DC Supply Voltage
VCC
2.0
5.5
V
Digital Input Voltage (Select and Inhibit)
VIN
GND
5.5
V
Static or Dynamic Voltage Across an Off Switch
VIO
GND
VCC
V
Analog Input Voltage (CH, COM)
VIS
GND
VCC
V
Operating Temperature Range, All Package Types
TA
−55
+125
°C
Input Rise or Fall Time
Vcc = 3.3 V ± 0.3 V
(Enable Input)
Vcc = 5.0 V ± 0.5 V
tr, tf
0
0
100
20
ns/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
DEVICE JUNCTION TEMPERATURE VERSUS TIME
TO 0.1% BOND FAILURES
Junction
Temperature
5C
Time, Hours
Time, Years
80
1,032,200
117.8
90
419,300
47.9
100
178,700
20.4
110
79,600
9.4
120
37,000
4.2
130
17,800
2.0
140
8,900
1.0
1
1
10
100
1000
TIME, YEARS
FAILURE RATE OF PLASTIC = CERAMIC
UNTIL INTERMETALLICS OCCUR
Figure 2. Failure Rate versus
Time Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com