Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLAS1053 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLAS1053
Description  2:1 Mux/Demux Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS1053 Datasheet(HTML) 4 Page - ON Semiconductor

  NLAS1053_15 Datasheet HTML 1Page - ON Semiconductor NLAS1053_15 Datasheet HTML 2Page - ON Semiconductor NLAS1053_15 Datasheet HTML 3Page - ON Semiconductor NLAS1053_15 Datasheet HTML 4Page - ON Semiconductor NLAS1053_15 Datasheet HTML 5Page - ON Semiconductor NLAS1053_15 Datasheet HTML 6Page - ON Semiconductor NLAS1053_15 Datasheet HTML 7Page - ON Semiconductor NLAS1053_15 Datasheet HTML 8Page - ON Semiconductor NLAS1053_15 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NLAS1053
www.onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Parameter
Test Conditions
Symbol
VCC
(V)
Guaranteed Max Limit
Unit
-55 to 25_C
< 85_C
< 125_C
Min
Typ*
Max
Min
Max
Min
Max
Turn−On Time
(Figures 12 and 13)
INH to Output
RL = 300 W, CL = 35 pF
(Figures 4 and 5)
tON
2.5
3.0
4.5
5.5
2
2
1
1
7
5
4
3
12
10
9
8
2
2
1
1
15
15
12
12
2
2
1
1
15
15
12
12
ns
Turn−Off Time
(Figures 12 and 13)
INH to Output
RL = 300 W, CL = 35 pF
(Figures 4 and 5)
tOFF
2.5
3.0
4.5
5.5
2
2
1
1
7
5
4
3
12
10
9
8
2
2
1
1
15
15
12
12
2
2
1
1
15
15
12
12
ns
Transition Time (Channel Selec-
tion Time)
(Figure )
Select to Output
RL = 300 W, CL = 35 pF
(Figures and )
ttrans
2.5
3.0
4.5
5.5
5
5
2
2
18
13
12
9
28
21
16
14
5
5
2
2
30
25
20
20
5
5
2
2
30
25
20
20
ns
Minimum
Break−Before−Make Time
VIS = 3.0 V (Figure 3)
RL = 300 W, CL = 35 pF
tBBM
2.5
3.0
4.5
5.5
1
1
1
1
12
11
6
5
1
1
1
1
1
1
1
1
ns
Typical @ 25, VCC = 5.0 V
Maximum Input Capacitance, Select/INH Input
Analog I/O (switch off)
Common I/O (switch off)
Feedthrough (switch on)
CIN
CNO or CNC
CCOM
C(ON)
8
10
10
20
pF
*Typical Characteristics are at 25
_C.
ADDITIONAL APPLICATION CHARACTERISTICS (Voltages Referenced to GND Unless Noted)
Parameter
Condition
Symbol
VCC
V
Typical
Unit
25
°C
Maximum On−Channel −3dB Bandwidth or
Minimum Frequency Response
(Figure 10)
VIN = 0 dBm
VIN centered between VCC and GND
(Figure 7)
BW
3.0
4.5
5.5
170
200
200
MHz
Maximum Feedthrough On Loss
VIN = 0 dBm @ 100 kHz to 50 MHz
VIN centered between VCC and GND
(Figure 7)
VONL
3.0
4.5
5.5
−3
−3
−3
dB
Off−Channel Isolation
(Figure 10)
f = 100 kHz; VIS = 1 V RMS
VIN centered between VCC and GND
(Figure 7)
VISO
3.0
4.5
5.5
−93
−93
−93
dB
Charge Injection Select Input to
Common I/O
(Figure 15)
VIN = VCC to GND, FIS = 20 kHz
tr = tf = 3 ns
RIS = 0 W, CL = 1000 pF
Q = CL * DVOUT
(Figure 8)
Q
3.0
5.5
1.5
3.0
pC
Total Harmonic Distortion
THD + Noise
(Figure 14)
FIS = 20 Hz to 100 kHz, RL = Rgen = 600 W
CL = 50 pF
VIS = 5.0 VPP sine wave
THD
5.5
0.1
%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com