Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLAS1053 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLAS1053
Description  2:1 Mux/Demux Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS1053 Datasheet(HTML) 3 Page - ON Semiconductor

  NLAS1053_15 Datasheet HTML 1Page - ON Semiconductor NLAS1053_15 Datasheet HTML 2Page - ON Semiconductor NLAS1053_15 Datasheet HTML 3Page - ON Semiconductor NLAS1053_15 Datasheet HTML 4Page - ON Semiconductor NLAS1053_15 Datasheet HTML 5Page - ON Semiconductor NLAS1053_15 Datasheet HTML 6Page - ON Semiconductor NLAS1053_15 Datasheet HTML 7Page - ON Semiconductor NLAS1053_15 Datasheet HTML 8Page - ON Semiconductor NLAS1053_15 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NLAS1053
www.onsemi.com
3
DC CHARACTERISTICS − Digital Section (Voltages Referenced to GND)
Parameter
Condition
Symbol
VCC
Guaranteed Limit
Unit
*55_C to 25_C
t85_C
t125_C
Minimum High−Level Input
Voltage, Select and Inhibit
Inputs
VIH
2.0
2.5
3.0
4.5
5.5
1.5
1.9
2.1
3.15
3.85
1.5
1.9
2.1
3.15
3.85
1.5
1.9
2.1
3.15
3.85
V
Maximum Low−Level Input
Voltage, Select and Inhibit
Inputs
VIL
2.0
2.5
3.0
4.5
5.5
0.5
0.6
0.9
1.35
1.65
0.5
0.6
0.9
1.35
1.65
0.5
0.6
0.9
1.35
1.65
V
Maximum Input Leakage
Current, Select and Inhibit
Inputs
VIN = 5.5 V or GND
IIN
0 V to 5.5 V
$0.1
$1.0
$1.0
mA
Maximum Quiescent Supply
Current
Select and Inhibit = VCC or GND
ICC
5.5
1.0
1.0
2.0
mA
DC ELECTRICAL CHARACTERISTICS − Analog Section
Parameter
Condition
Symbol
VCC
Guaranteed Limit
Unit
-55 to 255C
< 855C
< 1255C
Maximum “ON”
Resistance
(Figures 17 − 23)
VIN = VIL or VIH
VIS = GND to VCC
IINI ≤ 10.0 mA
RON
2.5
3.0
4.5
5.5
70
40
20
16
85
46
28
22
105
52
34
28
W
ON Resistance Flatness
(Figures 17 − 23)
VIN = VIL or VIH
IINI ≤ 10.0 mA
VIS = 1V, 2V, 3.5V
RFLAT
(ON)
4.5
4
4
5
W
ON Resistance Match
Between Channels
VIN = VIL or VIH
IINI ≤ 10.0 mA
VCH1 or VCH0 = 3.5 V
DRON
(ON)
4.5
2
2
3
W
CH1 or CH0 Off Leakage
Current (Figure 9)
VIN = VIL or VIH
VCH1 or VCH0 = 1.0 VCOM 4.5 V
ICH0
ICH1
5.5
1
10
100
nA
COM ON Leakage
Current (Figure 9)
VIN = VIL or VIH
VCH1 1.0 V or 4.5 V with VCH0
floating or
VCH1 1.0 V or 4.5 V with VCH1
floating
VCOM = 1.0 V or 4.5 V
ICOM(ON)
5.5
1
10
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com