Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NS5S1153 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NS5S1153
Description  USB 2.0 High Speed and Audio Switch with Negative Swing Capability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NS5S1153 Datasheet(HTML) 5 Page - ON Semiconductor

  NS5S1153_16 Datasheet HTML 1Page - ON Semiconductor NS5S1153_16 Datasheet HTML 2Page - ON Semiconductor NS5S1153_16 Datasheet HTML 3Page - ON Semiconductor NS5S1153_16 Datasheet HTML 4Page - ON Semiconductor NS5S1153_16 Datasheet HTML 5Page - ON Semiconductor NS5S1153_16 Datasheet HTML 6Page - ON Semiconductor NS5S1153_16 Datasheet HTML 7Page - ON Semiconductor NS5S1153_16 Datasheet HTML 8Page - ON Semiconductor NS5S1153_16 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NS5S1153
www.onsemi.com
5
AC ELECTRICAL CHARACTERISTICS
TIMING/FREQUENCY (Typical: T = 25
°C, VCC = 3.3 V, RL = 50 W, CL = 35 pF, f = 1 MHz)
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
5C to +855C
Unit
Min
Typ
Max
tON
Turn−ON Time (Closed to Open)
(Figures 8 and 9)
2.7 − 4.2
−
14
−
ms
tOFF
Turn−OFF Time (Closed to
Open) (Figures 8 and 9)
2.7 − 4.2
−
75
−
ns
TBBM
Break−Before−Make Time
(Figure 7)
−
7.0
−
ms
BW
D+ to COM+
D− to COM−
−3 dB Bandwidth (Figure 10)
CL = 5 pF
RS = 50 W
−
900
−
MHz
ISOLATION (Typical: T = 25
°C, VCC = 3.3 V, RL = 50 W, CL = 5 pF)
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
5C to +855C
Unit
Min
Typ
Max
OIRR
Open
OFF−Isolation (Figure 10)
f = 100 kHz,
RS = 50 W
−
−81
−
dB
XTALK
COM+ to
COM−
Non−Adjacent Channel
Crosstalk (Figure 10)
f = 100 kHz,
RS = 50 W
−
−93
−
dB
THD+N
Total Harmonic Distortion +
Noise
VBUS_CTRL = 0 V
ASEL = 3.0 V
f = 20 Hz to 20 kHz
VCOM = 0.5 Vpp
RL = 600 W
3.0
−
0.001
−
%
THD
Total Harmonic Distortion
VBUS_CTRL = 0 V
ASEL = 0 V, 3.6 V
f = 1 kHz
VCOM = ±2.0 Vpp
RL = 16 W
3.6
−
0.01
−
%
PSRR
Power Supply Rejection Ratio
f = 10 kHz
RCOM = 50 W
3.0
−
60
−
dB
CAPACITANCE (Typical: T = 25
°C, VCC = 3.3 V, RL = 50 W, CL = 5 pF, f = 1 MHz, ASEL = 0 V)
Symbol
Pins
Parameter
Test Conditions
−40
5C to +855C
Unit
Min
Typ
Max
CIN
ASEL
Control Pin Input Capacit-
ance
VCC = 0 V
−
2.6
−
pF
CON
D+ to COM+
D− to COM−
USB ON Capacitance
VBUS_CTRL = 5 V
−
6.9
−
pF
CON
R to COM+
L to COM−
Audio ON Capacitance
VBUS_CTRL = 0 V
−
9.3
−
pF
COFF
D+, D−
USB OFF Capacitance
VBUS_CTRL = 0 V
−
4.8
−
pF
COFF
R, L
Audio OFF Capacitance
VBUS_CTRL = 5 V
−
4.8
−
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com