Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NS5S1153 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NS5S1153
Description  USB 2.0 High Speed and Audio Switch with Negative Swing Capability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NS5S1153 Datasheet(HTML) 4 Page - ON Semiconductor

  NS5S1153_16 Datasheet HTML 1Page - ON Semiconductor NS5S1153_16 Datasheet HTML 2Page - ON Semiconductor NS5S1153_16 Datasheet HTML 3Page - ON Semiconductor NS5S1153_16 Datasheet HTML 4Page - ON Semiconductor NS5S1153_16 Datasheet HTML 5Page - ON Semiconductor NS5S1153_16 Datasheet HTML 6Page - ON Semiconductor NS5S1153_16 Datasheet HTML 7Page - ON Semiconductor NS5S1153_16 Datasheet HTML 8Page - ON Semiconductor NS5S1153_16 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NS5S1153
www.onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
CONTROL INPUT (Typical: T = 25
°C, VCC = 3.3 V)
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
VIH
ASEL
Control Input HIGH Voltage
2.7
3.3
4.2
1.3
1.4
1.5
−
−
V
VIL
ASEL
Control Input LOW Voltage
2.7
3.3
4.2
−
−
0.4
0.4
0.4
V
IIN
ASEL
Current Input Leakage Current
0
≤ VIS ≤ VCC
4.2
−
−
±50
nA
VIH
VBUS_CTRL
VBUS Control Input HIGH
Voltage
2.7
3.3
4.2
1.9
2.2
2.7
−
−
V
VIL
VBUS_CTRL
VBUS Control Input LOW
Voltage
2.7
3.3
4.2
−
−
0.8
1.1
1.6
V
IIN
VBUS_CTRL
VBUS Current Input Leakage
Current
0
≤ VIS ≤ VCC
4.2
−
−
±25
mA
SUPPLY CURRENT AND LEAKAGE (Typical: T = 25
°C, VCC = 3.3 V)
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
INC,NO(OFF)
D+, D−
OFF State Leakage
VBUS_CTRL = 0 V, 4.2 V;
VCOM−, VCOM+ = 0 V, 4.2 V
VD+, VD− = 4.2 V, 0 V or float
VL, VR = float or 4.2 V, 0 V
4.2
±80
nA
ICOM(ON)
COM−,
COM+
ON State Leakage
VBUS_CTRL = 0 V, 4.2 V;
VCOM−, VCOM+ = 0 V, 4.2 V
VD+, VD− = 4.2 V, 0 V or float
VL, VR = float or 4.2 V, 0 V
4.2
±100
nA
ICC
VCC
Quiescent Supply
VIS = GND to VCC; ID = 0 A
4.2
21
35
mA
IOFF
COM−,
COM+
Power OFF Leakage
0
≤ VIS ≤ 4.2 V
0
50
mA
USB ON RESISTANCE (Typical: T = 25
°C, VCC = 3.3 V)
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
RON
D+ to COM+
D− to COM−
On−Resistance
ION = 10 mA
VIS = 0 V to VCC
2.7
3.3
4.2
3.0
3.0
3.0
5.5
4.6
4.6
W
RFLAT
D+ to COM+
D− to COM−
On−Resistance Flatness
ION = 10 mA
VIS = 0 V to VCC
2.7
3.3
4.2
0.08
0.08
0.08
W
DRON
D+ to COM+
D− to COM−
On−Resistance Matching
ION = 10 mA
VIS = 0 V to VCC
2.7
3.3
4.2
0.03
0.03
0.03
W
AUDIO ON RESISTANCE (Typical: T = 25
°C, VCC = 3.3 V)
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
RON
R to COM+
L to COM−
On−Resistance
ION = 10 mA
VIS = −1.5 to 1.5
2.7
3.3
4.2
3.0
3.0
3.0
4.6
4.6
4.6
W
RFLAT
R to COM+
L to COM−
On−Resistance Flatness
ION = 10 mA
VIS = −1.5 to 1.5
2.7
3.3
4.2
0.11
0.11
0.11
W
DRON
R to COM+
L to COM−
On−Resistance Matching
ION = 10 mA
VIS = −0.85 to 0.85
2.7
3.3
4.2
0.03
0.03
0.03
W
RSH
L, R
Shunt Resistance
(Resistor + Switch)
ION = 10 mA
2.7
118
160
W
VBUS_PD
VBUS_CTRL
VBUS_CTRL Pull−down
Resistor
ION = 10 mA
530
k
W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com