Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NS5S1153 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NS5S1153
Description  USB 2.0 High Speed and Audio Switch with Negative Swing Capability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NS5S1153 Datasheet(HTML) 6 Page - ON Semiconductor

  NS5S1153_16 Datasheet HTML 1Page - ON Semiconductor NS5S1153_16 Datasheet HTML 2Page - ON Semiconductor NS5S1153_16 Datasheet HTML 3Page - ON Semiconductor NS5S1153_16 Datasheet HTML 4Page - ON Semiconductor NS5S1153_16 Datasheet HTML 5Page - ON Semiconductor NS5S1153_16 Datasheet HTML 6Page - ON Semiconductor NS5S1153_16 Datasheet HTML 7Page - ON Semiconductor NS5S1153_16 Datasheet HTML 8Page - ON Semiconductor NS5S1153_16 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NS5S1153
www.onsemi.com
6
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
0
0.5
1
1.5
2
2.5
3
3.5
4
VIS (V)
Vcc=4.2V
Vcc=2.7V
Vcc=3.3V
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
−2 −1.5 −1 −0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
VIS (V)
Vcc=4.2V
Vcc=2.7V
Vcc=3.3V
Figure 3. High Speed USB Eye Diagram of
Signal Path without Switch
Figure 4. High Speed USB Eye Diagram of
Signal Path with NS5S1153 (VCC = 3.6 V)
Figure 5. Audio ON Resistance vs. Signal
Voltage @ T = 25
5C, 2.7 V 3 VCC 3 4.2 V
Figure 6. USB ON Resistance vs. Signal Voltage
@ T = 25
5C, 2.7 V 3 VCC 3 4.2 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com