Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1M-LTP Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # FS1M-LTP
Description  Evaluation Board for 15W Dual-Output Switch-Mode Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

FS1M-LTP Datasheet(HTML) 5 Page - Dialog Semiconductor

  FS1M-LTP Datasheet HTML 1Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 2Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 3Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 4Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 5Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 6Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 7Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
iW1830-EVAL
Evaluation Board for 15W Dual-Output
Switch-Mode Power Supply
Rev. 1.0
Evaluation Board Summary
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
5 of 7
18-May 2016
6 Bill of Materials
Table 1: Bill-of-Materials List for EVB iW1830-EVAL
Item Qty.
Ref.
Description
Footprint
Mfg. Part Number
Manufacturer
1
1
U1
iW1830, Off-line digital PWM Controller with
4A/700V MOS co-packed, DIP 7
DIP-7
iW1830-00
Dialog Semiconductor
2
1
BR1
SDB157,1000V,1.5A,Bridge rectifier
SDB-1
SDB157-TP
Micro Commercial
Components Corp.
3
2
C1, C2
22uF,400V, Φ12.5X20,E-CAP
CE12.5x20
EKXG401ELL220MK20S
Nippon Chemi-Con
4
1
C3
2.2nF,500V,X7R,SMD-1206
CS1206
CC1206KKX7RBBB222
YAGEO Corporation
5
1
C4
10uF,50V,X5R,SMD-1206
CS1206
GRM32ER71H106KA12L
Murata Electronics
6
1
C5
100nF,50V,X7R,SMD-0805
CS0805
CC0805KRX7R9BB104
YAGEO Corporation
7
1
C6
470pF,250V,X7R,SMD-0805
CS0805
CC0805KRX7RYBB471
YAGEO Corporation
8
2
C7,C8
1000uF,10V,Φ8X20,E-CAP
CE8X20
UPA1A102MPD1TD
Nichicon
9
1
C10
820uF,16V,Φ8X20,E-CAP
CE8X20
UPA1C821MPD1TD
Nichicon
10
2
CY1,CY2 100pF,250V ,X2 ,Y1-cap
Radial, Disc
DE1B3KX101KA4BN01F
Murata Electronics
11
1
D1
SBR8U60P5,8A,60V
POWERDI5
SBR8U60P5
Diodes Incorporated
12
1
D2
SBR15U50SP5,15A,50V
POWERDI5
SBR15U50SP5
Diodes Incorporated
13
1
D6
FS1M-L, 1A1000V,Fast Recovery Rectifier
(Trr=500ns)
DO-214AC
FS1M-LTP
Micro Commercial
Components Corp.
14
1
D7
FS1D-L, 1A200V,Fast Recovery Rectifier
(Trr=150ns)
DO-214AC
FS1D-LTP
Micro Commercial
Components Corp.
15
1
Q1
BC817-25,TRANS NPN 45V 0.8A SOT-23
SOT-23
BC817-25-TP
Micro Commercial
Components Corp.
16
1
Z2
9.1V Zener,Izt=5mA ,200MW SOD323
SOD-323
BZT52C9V1S-TP
Micro Commercial
Components Corp.
17
1
F1
3.15A,250V, Fuse, Φ3.6X10mm
Axial-3.6x10 08743.15MXEP
Littelfuse Inc.
18
1
L1
470uH,126mA,Color Ring Inductor, 0410
Axial-04x10
77F471J-RC
Bourns Inc.
19
1
L2
10uH,Chip Inductor(Chip Coil)
LS0805
LQM21FN100M80L
Murata Electronics
20
2
R1,R18
1.6Ω±1%,SMD-1206
RS1206
RC1206FR-071R6L
YAGEO Corporation
21
1
R2
5.1KΩ±5%,SMD-0805
RS0805
RC0805JR-075K1L
YAGEO Corporation
22
1
R3
10KΩ±5%,SMD-0805
RS0805
RC0805JR-0710KL
YAGEO Corporation
23
1
R4
15Ω±5%,SMD-0805
RS0805
RC0805JR-0715RL
YAGEO Corporation
24
1
R5
1KΩ±5%,SMD-0805
RS0805
RC0805JR-071KL
YAGEO Corporation
25
1
R6
820KΩ±5%,SMD-1206
RS1206
RC1206JR-07820KL
YAGEO Corporation
26
1
R7
91Ω±5%,SMD-1206
RS1206
RC1206JR-0791RL
YAGEO Corporation
27
1
R8
3KΩ±1%,SMD-0603
RS0603
RC0603FR-073KL
YAGEO Corporation
28
1
R9
2.2Ω±5%,SMD-0603
RS0603
RC0603JR-072R2L
YAGEO Corporation
29
1
R10
16KΩ±1%,SMD-0603
RS0603
RC0603FR-0716KL
YAGEO Corporation
30
1
R11
1KΩ±5%,SMD-0603
RS0603
RC0603JR-071KL
YAGEO Corporation
31
2
R12,R19 2MΩ±5%,SMD-1206
RS1206
RC1206JR-072ML
YAGEO Corporation
32
2
R13,R15 18Ω±5%,SMD-0805
RS0805
RC0805JR-0718RL
YAGEO Corporation
33
1
R14
68KΩ±1%,SMD-0603
RS0603
RC0603FR-0768KL
YAGEO Corporation
34
1
R16
910Ω±5%,SMD-0805
RS0805
RC0805JR-07910RL
YAGEO Corporation
35
1
R17
6.2KΩ±1%,SMD-0603
RS0603
RC0603FR-076K2L
YAGEO Corporation
36
1
R20
24KΩ±1%,SMD-0603
RS0603
RC0603FR-0724KL
YAGEO Corporation
37
1
R21
1KΩ±5%,SMD-1206
RS1206
RC1206JR-071KL
YAGEO Corporation
38
1
R22
47KΩ±1%,SMD-0603
RS0603
RC0603FR-0747KL
YAGEO Corporation
39
1
CON1
Serie 2169 - 7.50mm Horizontal Entry
Modular with Rising Cage Clamp - 3.5mm²
Wires WR-TBL
691 216 910 002
Würth Elektronik



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com