Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1M-LTP Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # FS1M-LTP
Description  Evaluation Board for 15W Dual-Output Switch-Mode Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

FS1M-LTP Datasheet(HTML) 4 Page - Dialog Semiconductor

  FS1M-LTP Datasheet HTML 1Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 2Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 3Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 4Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 5Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 6Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 7Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
iW1830-EVAL
Evaluation Board for 15W Dual-Output
Switch-Mode Power Supply
Rev. 1.0
Evaluation Board Summary
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
4 of 7
18-May 2016
5 Schematic
The schematic shown in Figure 5.1 is the complete schematic for the evalution board. The specific part numbers can
be found in the Bill-of-Materials in section 6.
Figure 5.1 : Complete Evalution Board Schematic for the iW1830-EVAL Board.
5V0.5A
12V1A
D6
FS1M-L
C3
2.2nF/500V
D7
FS1D-L
C5
100nF
R6
820K
R7
91R
R18
1.6R
R11
1K
R9
2.2R
R8
3K
R10
16K
R1
1.6R
R12
2M
R19
2M
R14
68K
R3
10K
C4
10uF/50V
1
VCC
4 ISENSE
8 D
5 S
7
D
3 GND
2
VSENSE
U1
iW1830
E1
E2
+ C10
820uF
F1
3.15A/250V
+ C7
1000uF
R2
5.1K
D2
SBR15U50SP5
+ C8
1000uF
R15
18R
C12
1nF
C6
470pF
R4
15R
R13
18R
C11
1nF
1
4
3
6
10
12
14
8
T1
-
+
AC
AC
1
2
3
4
BR1
SDB157
+
C1
22uF/400V
+
C2
22uF/400V
L2
10uH
R16
910R
L1
470uH
R5
1K
CON2
CON3
CON1
D1
SBR8U60P5
Q1
BC817
R17
6.2K
R20
24K
R21
1K
Z2
9.1V
R22
47K
CY1
100pF
CY2
100pF
GND
CY
CY
AGND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com