Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1M-LTP Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # FS1M-LTP
Description  Evaluation Board for 15W Dual-Output Switch-Mode Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

FS1M-LTP Datasheet(HTML) 1 Page - Dialog Semiconductor

  FS1M-LTP Datasheet HTML 1Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 2Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 3Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 4Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 5Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 6Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 7Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
iW1830-EVAL
Evaluation Board for 15W Dual-Output
Switch-Mode Power Supply
Rev. 1.0
Evaluation Board Summary
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
1 of 7
18-May 2016
1 Description
The iW1830-EVAL evaluation board implements a dual-output, 15W power
supply based on Dialog Semiconductor’s iW1830 AccuSwitch™ digital off-
line power supply controller IC. The evaluation board supplies two outputs,
12V/1A and 5V/0.5A, using a single primary-side controlled quasi-resonant
flyback converter.
The design implements two output voltages using one primary-side
controller and achieves the tight regulation required by high-reliability
applications such as white goods, home appliances and industrial control.
The iW1830 controller integrates a 700V power MOSFET to lower the power supply BOM cost and uses Dialog’s
advanced PrimAccurate™ digital control technology to eliminate the need for external secondary-side feedback
components, further reducing component count and cost, while improving reliability. It operates in quasi-resonant
mode to improve efficiency and help meet EMI standards. This quasi-resonant operation and Dialog’s EZ-EMI®
technology enable excellent EMI performance with minimal external filtering. Proprietary control technology allows
high efficiency across a broad range of loads, which enables the iW1830 to meet stringent international standards for
power supply efficiency.
2 Features
● Wide input voltage range: 90VAC to 264VAC
● Output voltages: 12V and 5V
● Output current: 12V - 1A, 5V - 500mA
● Total output power: 15W max.
● Integrated 700V MOSFET
● Active mode efficiency > 84%
● Supports high capacitance loads up to 6,000mF
● Low no-load power: < 100mW (at 230 VAC)
3 Applications
● Power Supplies for:
x
White Goods
x
Home Appliances
x
Industrial Control
x
Network Devices
● EZ-EMI® technology: excellent EMI performance with
a minimum of external EMI filtering components
● Quasi-resonant operation
● Low component count and small PCB footprint
● iW1830 IC protections:
x
Output short-circuit, over-current, over-voltage
x
Input voltage protection: brown-out, brown-in,
unplug
x
Over-temperature protection - internal sensor


Similar Part No. - FS1M-LTP

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
FS1M-LTP DIALOG-FS1M-LTP Datasheet
474Kb / 6P
Evaluation Board for 10W Single-Output Switch-Mode Power Supply
FS1M-LTP DIALOG-FS1M-LTP Datasheet
488Kb / 7P
Evaluation Board for 15W Single-Output Switch-Mode Power Supply
More results

Similar Description - FS1M-LTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PS2070 MICROCHIP-PS2070 Datasheet
175Kb / 10P
Switch Mode Charger Evaluation Board
2005
logo
Mean Well Enterprises C...
PM-15 MEANWELL-PM-15 Datasheet
197Kb / 2P
15W Output Switching Power Supply
RS-15 MEANWELL-RS-15 Datasheet
249Kb / 2P
15W Single Output Switching Power Supply
PM-15 MEANWELL-PM-15_10 Datasheet
199Kb / 2P
15W Output Switching Power Supply
PM-15 MEANWELL-PM-15_12 Datasheet
231Kb / 2P
15W Output Switching Power Supply
NFM-15 MEANWELL-NFM-15_12 Datasheet
226Kb / 2P
15W Output Switching Power Supply
IRM-15 MEANWELL-IRM-15 Datasheet
164Kb / 2P
15W Output Switching Power Supply
logo
Dialog Semiconductor
IW1818-EVAL DIALOG-IW1818-EVAL Datasheet
474Kb / 6P
Evaluation Board for 10W Single-Output Switch-Mode Power Supply
IW1830-EVAL1 DIALOG-IW1830-EVAL1 Datasheet
488Kb / 7P
Evaluation Board for 15W Single-Output Switch-Mode Power Supply
logo
Total Power Internation...
NES-15 TOTAL-POWER-NES-15 Datasheet
276Kb / 2P
15W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com