Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2001NA Datasheet(PDF) 4 Page - Anachip Corp

Part # AP2001NA
Description  Monolithic Dual Channel PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2001NA Datasheet(HTML) 4 Page - Anachip Corp

  AP2001NA Datasheet HTML 1Page - Anachip Corp AP2001NA Datasheet HTML 2Page - Anachip Corp AP2001NA Datasheet HTML 3Page - Anachip Corp AP2001NA Datasheet HTML 4Page - Anachip Corp AP2001NA Datasheet HTML 5Page - Anachip Corp AP2001NA Datasheet HTML 6Page - Anachip Corp AP2001NA Datasheet HTML 7Page - Anachip Corp AP2001NA Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AP2001
Monolithic Dual Channel PWM Controller
Anachip Corp.
www.anachip.com.tw
Rev. 0.3 Feb 20, 2004
4/8
Electrical Characteristics (T
A=25ºC, VCC=6V, f=200 Khz)
Reference (REF)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output voltage (pin 16)
IO = 1mA
2.4
2.5
2.6
V
TA = -20ºC ~ 25ºC
-0.1
±1
%
VO
Output voltage change with
temperature
TA = 25ºC ~ 85ºC
-0.2
±1
%
VDLI
Input stability
VCC=3.6V ~ 40V
2
12.5
mV
VDLO
Output stability
IO=0.1 mA ~ 1mA
1
7.5
mV
IO
Short-circuit output current
VO=0
3
10
30
mA
Under voltage lockout (UVLO)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VUT
Upper threshold voltage (VCC)
2.65
V
VLWT
Lower threshold voltage (VCC)
2.45
V
VHT
Hysteresis (VCC)
IO(REF) = 0.1mA
TA = 25ºC
80
200
mV
Short-circuit protection (SCP) control
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIT
Input threshold voltage
TA = 25ºC
0.65
0.7
0.75
V
VSTB
Standby voltage
No pull up
140
185
230
mV
VLT
Latched input voltage
No pull up
60
120
mV
ISCP
Input (source) current
VI = 0.7V, TA = 25ºC
-10
-15
-20
µA
VCT
Comparator threshold voltage (FB)
1.18
V
Oscillator (OSC)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
FOSC
Frequency
CT =330 pF, RT = 10
kΩ
200
Khz
Standard deviation of frequency
CT =330 pF, RT = 10
kΩ
10
Frequency change with voltage
VCC=3.6V ~ 40V
1
TA = -20ºC ~ 25ºC
-0.4
± 2
∆FOSC
Frequency change with temperature
TA = 25ºC ~ 85ºC
-0.2
± 2
%
Dead-time control (DTC)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IBDT
Input bias current
1
IDT
Latch mode (source) current
TA = 25ºC
-80
-145
µA
VDT
Latched input voltage
IO = 40µA
2.3
VT0
Zero duty cycle
2.05
2.25
VT100
Input threshold voltage at f= 10 Khz
Maximum duty cycle
1.2
1.45
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com