Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2001NA Datasheet(PDF) 8 Page - Anachip Corp

Part # AP2001NA
Description  Monolithic Dual Channel PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2001NA Datasheet(HTML) 8 Page - Anachip Corp

  AP2001NA Datasheet HTML 1Page - Anachip Corp AP2001NA Datasheet HTML 2Page - Anachip Corp AP2001NA Datasheet HTML 3Page - Anachip Corp AP2001NA Datasheet HTML 4Page - Anachip Corp AP2001NA Datasheet HTML 5Page - Anachip Corp AP2001NA Datasheet HTML 6Page - Anachip Corp AP2001NA Datasheet HTML 7Page - Anachip Corp AP2001NA Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AP2001
Monolithic Dual Channel PWM Controller
Anachip Corp.
www.anachip.com.tw
Rev. 0.3 Feb 20, 2004
8/8
Package Information (Continued)
(2) Package Type: PDIP-16L
D
7O (4X)
B2
B
B1
e
D1
15O (4X)
E1
eB
C
DETAIL A
E
R0.005
eB
DETAIL A
TOP E-PIN INDENT
0.079 inch
BOTTOM 3-PIN INDENT
0.118 inch
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
-
-
4.57
-
-
0.180
A1
0.38
-
-
0.015
-
-
A2
3.15
3.33
3.50
0.124
0.131
0.138
B
0.36
0.46
0.56
0.014
0.018
0.022
B1
1.14
1.27
1.52
0.045
0.050
0.060
B2
0.81
0.99
1.17
0.032
0.039
0.046
C
0.20
0.25
0.33
0.008
0.010
0.013
D
18.90
19.10
19.30
0.744
0.752
0.760
D1
0.56
0.69
0.76
0.022
0.027
0.030
E
7.62
-
8.26
0.3000
-
0.325
E1
6.15
6.35
6.55
0.242
0.250
0.258
e
-
2.54
-
-
0.100
-
L
2.92
-
3.81
0.115
-
0.150
eB
8.38
-
9.40
0.330
-
0.370



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com