Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2001NA Datasheet(PDF) 3 Page - Anachip Corp

Part # AP2001NA
Description  Monolithic Dual Channel PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2001NA Datasheet(HTML) 3 Page - Anachip Corp

  AP2001NA Datasheet HTML 1Page - Anachip Corp AP2001NA Datasheet HTML 2Page - Anachip Corp AP2001NA Datasheet HTML 3Page - Anachip Corp AP2001NA Datasheet HTML 4Page - Anachip Corp AP2001NA Datasheet HTML 5Page - Anachip Corp AP2001NA Datasheet HTML 6Page - Anachip Corp AP2001NA Datasheet HTML 7Page - Anachip Corp AP2001NA Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AP2001
Monolithic Dual Channel PWM Controller
Anachip Corp.
www.anachip.com.tw
Rev. 0.3 Feb 20, 2004
3/8
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Supply voltage
40
V
VI
Amplifier input voltage
20
V
VO
Collector output voltage
40
V
Io
Collector output current
21
mA
TOP
Operating temperature range
-20 to +85
oC
TST
Storage temperature range
-65 to +150
oC
TLEAD
Lead temperature 1.6 mm(1/16 inch) from case for 10 seconds
260
oC
Recommended Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
3.6
40
V
VI
Amplifier input voltage
1.05
1.45
V
VO
Collector output voltage
40
V
IO
Collector output current
20
mA
IFB
Current into feedback terminal
45
µA
RF
Feedback resistor
100
kΩ
CT
Timing capacitor
150
15000
pF
RT
Timing resistor
5.1
100
kΩ
FOSC
Oscillator frequency
1
500
Khz
TOP
Operating free-air temperature
-20
85
ºC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com