Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-2 Datasheet(PDF) 1 Page - Copal Electronics

Part # ST-2
Description  SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ST-2 Datasheet(HTML) 1 Page - Copal Electronics

  ST-2 Datasheet HTML 1Page - Copal Electronics ST-2 Datasheet HTML 2Page - Copal Electronics ST-2 Datasheet HTML 3Page - Copal Electronics ST-2 Datasheet HTML 4Page - Copal Electronics ST-2 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
※ Please refer to the LIST OF PART NUMBERS when placing orders.
ST-2
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
Part name
1
2
3
4
5
6
7
8
9
!0
!1
substrate
Terminal #2
Housing
Terminal #1, #3
Cover
Rotor
Wiper
Material
Flammability
UL 94V-0
UL 94HB
Blass, Sn-plated
Silicone rubber
Ag-Pd cermet
RuO2 cermet
Polyphenylenesulphide
Stainless steel (SUS 304)
Copper alloy, Sn-Cu-plated
Stainless steel (SUS 304)
Ceramic
Pin
“O” ring
Terminations
Resistive element
Epoxy
FEATURES
O RoHS compliant
O Compact and low-profile 2 mm single turn type
O Sealed construction
PART NUMBER DESIGNATION
S T - 2 T A 1 0 0
Ω ( 1 0 1 )
Series name
Form of packaging
Taping (Reel)
Blank
:Bulk in plastic bag
Resistance code
Resistance value
Product shape (Shape of terminal)
A:J-hook
INTERNAL STRUCTURE
8
3
4
7
!1
9
5
!0
1
2
6
RoHS compliant


Similar Part No. - ST-2

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
ST-2 MICRONETICS-ST-2 Datasheet
40Kb / 1P
MINI-NOISE DIODES 10 KHZ TO 3 GHZ
logo
List of Unclassifed Man...
ST-2-10** ETC2-ST-2-10** Datasheet
362Kb / 2P
Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
ST-2-12** ETC2-ST-2-12** Datasheet
362Kb / 2P
Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
ST-2-120 ETC2-ST-2-120 Datasheet
362Kb / 2P
Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
ST-2-16 ETC2-ST-2-16 Datasheet
362Kb / 2P
Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
More results

Similar Description - ST-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST-32 VISHAY-ST-32 Datasheet
383Kb / 7P
Surface Mount Cermet Trimmers (single turn)
06-Mar-06
logo
List of Unclassifed Man...
ST-4ETA102 ETC1-ST-4ETA102 Datasheet
173Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST32ETG200 ETC2-ST32ETG200 Datasheet
133Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST32ETA103 ETC2-ST32ETA103 Datasheet
133Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-4ETD102 ETC2-ST-4ETD102 Datasheet
173Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-4EB503 ETC2-ST-4EB503 Datasheet
173Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Copal Electronics
ST-4 COPAL-ST-4 Datasheet
133Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
ST-4 VISHAY-ST-4 Datasheet
181Kb / 8P
Surface Mount Cermet Trimmers (single turn)
06-Mar-06
logo
Copal Electronics
ST4ETA103 COPAL-ST4ETA103 Datasheet
133Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST32EA100 COPAL-ST32EA100 Datasheet
121Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com