Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-2 Datasheet(PDF) 4 Page - Copal Electronics

Part # ST-2
Description  SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ST-2 Datasheet(HTML) 4 Page - Copal Electronics

  ST-2 Datasheet HTML 1Page - Copal Electronics ST-2 Datasheet HTML 2Page - Copal Electronics ST-2 Datasheet HTML 3Page - Copal Electronics ST-2 Datasheet HTML 4Page - Copal Electronics ST-2 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.3 (Unit : mm)
■ ST-2/ST-32 ADJUSTMENT TOOL
O ST-2A
Top adjustment
※ Note the terminal position.
Production date code
Resistance code
2.4
1.7
2 – 0.35
t = 0.1
2
3
1
1.25
0.7
0.35 W
× 1.5 L × 0.3 D
CW rotation
1
2
3
ST-2
SURFACE MOUNT TRIMMERS
O Compliant with two models (ST-2/ST-32)
Material : Polyoxymethylene
Recommended models
ST-32
ST-2
※
Note : Please do not use the tool for purposes other than adjustment of electronic components.
130
1.20
Tip thickness 0.4
Tip 1.7
× 1.1
Tip thickness 0.35
Tip 1.4
× 1.4
Model
Manufacturer
■ Recommended screwdrivers for use
DA-54
ENGINEER INC.
For ST-32
For ST-2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com