Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-2 Datasheet(PDF) 5 Page - Copal Electronics

Part # ST-2
Description  SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ST-2 Datasheet(HTML) 5 Page - Copal Electronics

  ST-2 Datasheet HTML 1Page - Copal Electronics ST-2 Datasheet HTML 2Page - Copal Electronics ST-2 Datasheet HTML 3Page - Copal Electronics ST-2 Datasheet HTML 4Page - Copal Electronics ST-2 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ST-2
SURFACE MOUNT TRIMMERS
<Bulk pack specifications>
O Unit of bulk in a plastic bag is 100 pcs. per pack.
O Boxing of bulk in a plastic bag is performed with 500
pcs. per box.
PACKAGING SPECIFICATIONS
Maximum number of consecutive missing pieces=2
Leader length and reel dimension are shown in the
diagrams below.
<Taping packaging specifications>
O Taping version is packaged in 500 pcs. per reel.
Orders will be accepted for units of 500 pcs., i.e., 500,
1000, 1500 pcs., etc.
O Taping version is boxed with one reel (500 pcs.).
O EMBOSSED TAPE DIMENSIONS
O REEL DIMENSIONS
(Conforms to JIS C 0806-3)
(In accordance with EIAJ ET-7200A)
(Unit: mm)
O ST-2TA
15.4
±1
13
+1
0
180
0
–1.5
21
±0.8
13
±0.2
2
±0.5
φ
φ
φ
Direction of feed
4 0.1
13
2
2 0.05
0.3 0.1
Installation example
(ST-2A)
2.2
Empty
Filled
Empty
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
Head
End



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com