Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2598 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2598
Description  SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2598 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LM2598 Datasheet HTML 21Page - National Semiconductor (TI) LM2598 Datasheet HTML 22Page - National Semiconductor (TI) LM2598 Datasheet HTML 23Page - National Semiconductor (TI) LM2598 Datasheet HTML 24Page - National Semiconductor (TI) LM2598 Datasheet HTML 25Page - National Semiconductor (TI) LM2598 Datasheet HTML 26Page - National Semiconductor (TI) LM2598 Datasheet HTML 27Page - National Semiconductor (TI) LM2598 Datasheet HTML 28Page - National Semiconductor (TI) LM2598 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
Application Information (Continued)
In a switching regulator design, knowing the value of the
peak-to-peak inductor ripple current (
∆I
IND) can be useful for
determining a number of other circuit parameters. Param-
eters such as, peak inductor or peak switch current, mini-
mum load current before the circuit becomes discontinuous,
output ripple voltage and output capacitor ESR can all be
calculated from the peak-to-peak
∆I
IND. When the inductor
nomographs shown in
Figure 4 through Figure 7 are used to
select an inductor value, the peak-to-peak inductor ripple
current can immediately be determined. The curve shown in
Figure 21 shows the range of (
∆I
IND) that can be expected
for different load currents. The curve also shows how the
peak-to-peak inductor ripple current (
∆I
IND) changes as you
go from the lower border to the upper border (for a given load
current) within an inductance region. The upper border rep-
resents a higher input voltage, while the lower border repre-
sents a lower input voltage (see Inductor Selection Guides).
These curves are only correct for continuous mode opera-
tion, and only if the inductor selection guides are used to
select the inductor value
Consider the following example:
V
OUT = 5V, maximum load current of 800 mA
V
IN = 12V, nominal, varying between 10V and 14V.
The selection guide in
Figure 5 shows that the vertical line
for a 0.8A load current, and the horizontal line for the 12V
input voltage intersect approximately midway between the
upper and lower borders of the 68 µH inductance region. A
68 µH inductor will allow a peak-to-peak inductor current
(
∆I
IND) to flow that will be a percentage of the maximum load
current. Referring to
Figure 21, follow the 0.8A line approxi-
mately midway into the inductance region, and read the
peak-to-peak inductor ripple current (
∆I
IND) on the left hand
axis (approximately 300 mA p-p).
As the input voltage increases to 14V, it approaches the
upper border of the inductance region, and the inductor
ripple current increases. Referring to the curve in
Figure 21,
it can be seen that for a load current of 0.8A, the
peak-to-peak inductor ripple current (
∆I
IND) is 300 mA with
12V in, and can range from 340 mA at the upper border (14V
in) to 225 mA at the lower border (10V in).
Once the
∆I
IND value is known, the following formulas can be
used to calculate additional information about the switching
regulator circuit.
1.
Peak Inductor or peak switch current
2.
Minimum load current before the circuit becomes dis-
continuous
3.
Output Ripple Voltage = (
∆I
IND) x (ESR of COUT)
= 0.3A x 0.16
Ω=48mVp-p
4.
ESR of C
OUT
OPEN CORE INDUCTORS
Another possible source of increased output ripple voltage or
unstable operation is from an open core inductor. Ferrite
bobbin or stick inductors have magnetic lines of flux flowing
through the air from one end of the bobbin to the other end.
These magnetic lines of flux will induce a voltage into any
wire or PC board copper trace that comes within the induc-
tor’s magnetic field. The strength of the magnetic field, the
orientation and location of the PC copper trace to the mag-
netic field, and the distance between the copper trace and
the inductor, determine the amount of voltage generated in
the copper trace. Another way of looking at this inductive
coupling is to consider the PC board copper trace as one
turn of a transformer (secondary) with the inductor winding
as the primary. Many millivolts can be generated in a copper
trace located near an open core inductor which can cause
stability problems or high output ripple voltage problems.
If unstable operation is seen, and an open core inductor is
used, it’s possible that the location of the inductor with
respect to other PC traces may be the problem. To deter-
mine if this is the problem, temporarily raise the inductor
away from the board by several inches and then check
circuit operation. If the circuit now operates correctly, then
the magnetic flux from the open core inductor is causing the
problem. Substituting a closed core inductor such as a tor-
roid or E-core will correct the problem, or re-arranging the
PC layout may be necessary. Magnetic flux cutting the IC
device ground trace, feedback trace, or the positive or nega-
tive traces of the output capacitor should be minimized.
Sometimes, locating a trace directly beneath a bobbin in-
ductor will provide good results, provided it is exactly in the
center of the inductor (because the induced voltages cancel
themselves out), but if it is off center one direction or the
other, then problems could arise. If flux problems are
present, even the direction of the inductor winding can make
a difference in some circuits.
This discussion on open core inductors is not to frighten the
user, but to alert the user on what kind of problems to watch
out for when using them. Open core bobbin or “stick” induc-
tors are an inexpensive, simple way of making a compact
efficient inductor, and they are used by the millions in many
different applications.
DS012593-38
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com