Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2598 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2598
Description  SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2598 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM2598 Datasheet HTML 8Page - National Semiconductor (TI) LM2598 Datasheet HTML 9Page - National Semiconductor (TI) LM2598 Datasheet HTML 10Page - National Semiconductor (TI) LM2598 Datasheet HTML 11Page - National Semiconductor (TI) LM2598 Datasheet HTML 12Page - National Semiconductor (TI) LM2598 Datasheet HTML 13Page - National Semiconductor (TI) LM2598 Datasheet HTML 14Page - National Semiconductor (TI) LM2598 Datasheet HTML 15Page - National Semiconductor (TI) LM2598 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
LM2598 Series Buck Regulator Design Procedure (Fixed Output) (Continued)
PROCEDURE (Fixed Output Voltage Version)
EXAMPLE (Fixed Output Voltage Version)
4. Input Capacitor (C
IN)
A low ESR aluminum or tantalum bypass capacitor is needed
between the input pin and ground to prevent large voltage
transients from appearing at the input. In addition, the RMS
current rating of the input capacitor should be selected to be
at least 1⁄2 the DC load current. The capacitor manufacturers
data sheet must be checked to assure that this current rating
is not exceeded. The curve shown in
Figure 16 shows typical
RMS current ratings for several different aluminum electro-
lytic capacitor values.
This capacitor should be located close to the IC using short
leads and the voltage rating should be approximately 1.5
times the maximum input voltage.
If solid tantalum input capacitors are used, it is recomended
that they be surge current tested by the manufacturer.
Use caution when using ceramic capacitors for input bypass-
ing, because it may cause severe ringing at the V
IN pin.
For additional information, see section on input capaci-
tors in Application Information section.
4. Input Capacitor (C
IN)
The important parameters for the Input capacitor are the
input voltage rating and the RMS current rating. With a
nominal input voltage of 12V, an aluminum electrolytic ca-
pacitor with a voltage rating greater than 18V (1.5 x V
IN)
would be needed. The next higher capacitor voltage rating is
25V.
The RMS current rating requirement for the input capacitor in
a buck regulator is approximately 1⁄2 the DC load current. In
this example, with a 1A load, a capacitor with a RMS current
rating of at least 500 mA is needed. The curves shown in
Figure 16 can be used to select an appropriate input capaci-
tor. From the curves, locate the 25V line and note which
capacitor values have RMS current ratings greater than 500
mA. Either a 180 µF or 220 µF, 25V capacitor could be used.
For a through hole design, a 220 µF/25V electrolytic capaci-
tor (Panasonic HFQ series or Nichicon PL series or equiva-
lent) would be adequate. other types or other manufacturers
capacitors can be used provided the RMS ripple current
ratings are adequate.
For surface mount designs, solid tantalum capacitors are
recommended. The TPS series available from AVX, and the
593D series from Sprague are both surge current tested.
Conditions
Inductor
Output Capacitor
Through Hole Electrolytic
Surface Mount Tantalum
Output
Load
Max Input
Inductance
Inductor
Panasonic
Nichicon
AVX TPS
Sprague
Voltage
Current
Voltage
(µH)
(#)
HFQ Series
PL Series
Series
595D Series
(V)
(A)
(V)
(µF/V)
(µF/V)
(µF/V)
(µF/V)
3.3
1
5
22
L24
330/16
330/16
220/10
330/10
7
33
L23
270/25
270/25
220/10
270/10
10
47
L31
220/25
220/35
220/10
220/10
40
68
L30
180/35
220/35
220/10
180/10
6
47
L13
220/25
220/16
220/16
220/10
0.5
10
68
L21
150/35
150/25
100/16
150/16
40
100
L20
150/35
82/35
100/16
100/20
5
1
8
33
L28
330/16
330/16
220/10
270/10
10
47
L31
220/25
220/25
220/10
220/10
15
68
L30
180/35
180/35
220/10
150/16
40
100
L29
180/35
120/35
100/16
120/16
9
68
L21
180/16
180/16
220/10
150/16
0.5
20
150
L19
120/25
120/25
100/16
100/20
40
150
L19
100/25
100/25
68/20
68/25
12
1
15
47
L31
220/25
220/25
68/20
120/20
18
68
L30
180/35
120/25
68/20
120/20
30
150
L36
82/25
82/25
68/20
100/20
40
220
L35
82/25
82/25
68/20
68/25
15
68
L21
180/25
180/25
68/20
120/20
0.5
20
150
L19
82/25
82/25
68/20
100/20
40
330
L26
56/25
56/25
68/20
68/25
FIGURE 2. LM2598 Fixed Voltage Quick Design Component Selection Table
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com