Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2598 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2598
Description  SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2598 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2598 Datasheet HTML 9Page - National Semiconductor (TI) LM2598 Datasheet HTML 10Page - National Semiconductor (TI) LM2598 Datasheet HTML 11Page - National Semiconductor (TI) LM2598 Datasheet HTML 12Page - National Semiconductor (TI) LM2598 Datasheet HTML 13Page - National Semiconductor (TI) LM2598 Datasheet HTML 14Page - National Semiconductor (TI) LM2598 Datasheet HTML 15Page - National Semiconductor (TI) LM2598 Datasheet HTML 16Page - National Semiconductor (TI) LM2598 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
LM2598 Series Buck Regulator Design Procedure (Adjustable Output)
PROCEDURE (Adjustable Output Voltage Version)
EXAMPLE (Adjustable Output Voltage Version)
Given:
V
OUT = Regulated Output Voltage
V
IN(max) = Maximum Input Voltage
I
LOAD(max) = Maximum Load Current
F = Switching Frequency
(Fixed at a nominal 150 kHz).
Given:
V
OUT = 20V
V
IN(max) = 28V
I
LOAD(max) = 1A
F = Switching Frequency
(Fixed at a nominal 150 kHz).
1. Programming Output Voltage (Selecting R
1 and R2,as
shown in
Figure 1)
Use the following formula to select the appropriate resistor
values.
Select a value for R
1 between 240Ω and 1.5 kΩ. The lower
resistor values minimize noise pickup in the sensitive feed-
back pin. (For the lowest temperature coefficient and the best
stability with time, use 1% metal film resistors.)
1. Programming Output Voltage (Selecting R
1 and R2,as
shown in
Figure 1)
Select R
1 to be 1 kΩ, 1%. Solve for R2.
R
2 = 1k (16.26 − 1) = 15.26k, closest 1% value is 15.4 kΩ.
R
2 = 15.4 kΩ.
2. Inductor Selection (L1)
A. Calculate the inductor Volt
• microsecond constant E • T
(V
• µs), from the following formula:
where V
SAT = internal switch saturation voltage = 1V
and V
D = diode forward voltage drop = 0.5V
2. Inductor Selection (L1)
A. Calculate the inductor Volt
• microsecond constant
(E
• T),
B. Use the E
• T value from the previous formula and match
it with the E
• T number on the vertical axis of the Inductor
Value Selection Guide shown in
Figure 7.
B. E
• T = 34.8 (V • µs)
C. on the horizontal axis, select the maximum load current.
C. I
LOAD(max) = 1A
D. Identify the inductance region intersected by the E
• T
value and the Maximum Load Current value. Each region is
identified by an inductance value and an inductor code
(LXX).
D. From the inductor value selection guide shown in
Figure 7,
the inductance region intersected by the 35 (V
• µs) horizon-
tal line and the 1A vertical line is 100 µH, and the inductor
code is L29.
E. Select an appropriate inductor from the four manufactur-
er’s part numbers listed in
Figure 8.
E. From the table in
Figure 8, locate line L29, and select an
inductor part number from the list of manufacturers part
numbers.
3. Output Capacitor Selection (C
OUT)
3. Output Capacitor SeIection (C
OUT)
A. In the majority of applications, low ESR electrolytic or solid
tantalum capacitors between 82 µF and 220 µF provide the
best results. This capacitor should be located close to the IC
using short capacitor leads and short copper traces. Do not
use capacitors larger than 220 µF. For additional informa-
tion, see section on output capacitors in application
information section.
A. See section on C
OUT in Application Information section.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com