Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR4045PT Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # MBR4045PT
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

MBR4045PT Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  MBR4045PT Datasheet HTML 1Page - Lite-On Technology Corporation MBR4045PT Datasheet HTML 2Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR4030PT thru 4060PT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
FEATURES
Metal of silicon rectifier,majority carrier conducton
Guard ring for transient protection
Low power loss, high efficiency
High current capability, low VF
High surge capacity
Plastic package has UL flammability classification 94V-0
For use in low voltage,high frequency inverters,free
whelling,and polarity protection applications
MECHANICAL DATA
Case : TO-3P molded plastic
Polarity : As marked on the body
Weight : 0.2 ounces, 5.6 grams
Mounting position : Any
VRMS
VDC
VRRM
I(AV)
IFSM
VF
MBR
4030PT
30
21
30
Maximum Average Forward
Rectified Current (See Fig.1)
@TC
=125 C
Peak Forward Surge Current
8.3ms single half sine-wave
superimposed on rated load (JEDEC METHOD)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Forward
Voltage (Note 1)
40
400
0.70
0.60
0.80
0.75
TJ
Operating Temperature Range
-55 to +150
C
TSTG
Storage Temperature Range
-55 to +175
C
Typical Thermal Resistance (Note 2)
1.4
C/W
TJ =25 C
CJ
Typical Junction Capacitance
per element (Note 3)
700
pF
IR
@TJ =125 C
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ =25 C
100
mA
A
A
V
UNIT
V
V
CHARACTERISTICS
SYMBOL
Voltage Rate of Change (Rated VR)
TJ =125 C
R0JC
dv/dt
10000
V/us
IF =20A @
IF =20A @
IF =40A @
IF =40A @
MBR
4035PT
35
24.5
35
MBR
4040PT
40
28
40
MBR
4045PT
45
31.5
45
MBR
4050PT
50
35
50
MBR
4060PT
60
42
60
V
0.80
0.70
-
-
1.0
TO-3P
PIN 1
PIN 3
PIN 2
CASE
E
L
Q
P
N
M
F
C
B
A
O
K
J
I
H
G
D
L
PIN
1
2
3
SCHOTTKY BARRIER RECTIFIERS
REVERSE VOLTAGE - 30 to 60 Volts
FORWARD CURRENT - 40 Amperes
NOTES : 1. 300us Pulse Width, 2% Duty Cycle.
2. Thermal Resistance Junction to Case.
3. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
TJ =25 C
TJ =125 C
All Dimensions in millimeter
DIM.
A
C
D
E
F
G
B
M
L
K
J
I
H
O
P
N
Q
TO-3P
MIN.
MAX.
15.75
16.25
21.75
21.25
19.60
20.10
4.38
3.78
1.88
2.08
4.87
5.13
1.90
2.16
1.22
1.12
2.90
3.20
5.20
5.70
2.10
2.40
0.76
0.51
2.93
3.22
1.93
2.18
20 TYP
4.4TYP.
4.4TYP.
10 TYP
SEMICONDUCTOR
LITE-ON
REV. 2, 01-Dec-2000, KTH11


Similar Part No. - MBR4045PT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR4045PT MOTOROLA-MBR4045PT Datasheet
72Kb / 4P
SWITCHMODE??Power Rectifier
logo
Diodes Incorporated
MBR4045PT DIODES-MBR4045PT Datasheet
89Kb / 2P
40A SCHOTTKY BARRIER RECTIFIER
DS23019 Rev. E-2
logo
General Semiconductor
MBR4045PT GE-MBR4045PT Datasheet
74Kb / 2P
SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
MBR4045PT FAIRCHILD-MBR4045PT Datasheet
55Kb / 3P
Schottky Rectifiers
logo
Diodes Incorporated
MBR4045PT DIODES-MBR4045PT Datasheet
63Kb / 3P
40A SCHOTTKY BARRIER RECTIFIER
DS23019 Rev. 8 - 2
More results

Similar Description - MBR4045PT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com